Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95040-R Datasheet(PDF) 36 Page - STMicroelectronics

Part # M95040-R
Description  Compatible with SPI bus serial interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95040-R Datasheet(HTML) 36 Page - STMicroelectronics

Back Button M95040-R Datasheet HTML 32Page - STMicroelectronics M95040-R Datasheet HTML 33Page - STMicroelectronics M95040-R Datasheet HTML 34Page - STMicroelectronics M95040-R Datasheet HTML 35Page - STMicroelectronics M95040-R Datasheet HTML 36Page - STMicroelectronics M95040-R Datasheet HTML 37Page - STMicroelectronics M95040-R Datasheet HTML 38Page - STMicroelectronics M95040-R Datasheet HTML 39Page - STMicroelectronics M95040-R Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 46 page
background image
DC and AC parameters
M950x0-W M950x0-R M950x0-DF
36/46
DocID6512 Rev 13
Table 19. AC characteristics (M950x0-R or M95040-DF, device grade 6)(1)
1. The timing values described in this table are recommended for new designs.
Test conditions specified in Table 10 or Table 11 and Table 12(2)
2. If the application uses the M950x0-R or M95040-DF devices at 2.5 V
≤VCC ≤5.5 V and -40 °C ≤TA ≤+85 °C,
please refer to Table 18: AC characteristics (M950x0-W, device grade 6), rather than to the above table.
Symbol
Alt.
Parameter
Min.
Max.
Unit
fC
fSCK Clock frequency
D.C.
5
MHz
tSLCH
tCSS1 S active setup time
60
-
ns
tSHCH
tCSS2 S not active setup time
60
-
ns
tSHSL
tCS S deselect time
90
-
ns
tCHSH
tCSH S active hold time
60
-
ns
tCHSL
-S not active hold time
60
-
ns
tCH(3)
3. tCH + tCL must never be lower than the shortest possible clock period, 1/fC(max).
tCLH Clock high time
80
-
ns
tCL(3)
tCLL Clock low time
80
-
ns
tCLCH(4)
4. Characterized only, not tested in production.
tRC Clock rise time
-
2
µs
tCHCL(4)
tFC Clock fall time
-
2
µs
tDVCH
tDSU Data in setup time
20
-
ns
tCHDX
tDH Data in hold time
20
-
ns
tHHCH
-
Clock low hold time after HOLD not active
60
-
ns
tHLCH
-
Clock low hold time after HOLD active
60
-
ns
tCLHL
-
Clock low set-up time before HOLD active
0
-
ns
tCLHH
-
Clock low set-up time before HOLD not active
0
-
ns
tSHQZ(4)
tDIS Output disable time
-
80
ns
tCLQV
tV
Clock low to output valid
-
80
ns
tCLQX
tHO Output hold time
0
-
ns
tQLQH(4)
tRO Output rise time
-
80
ns
tQHQL(4)
tFO Output fall time
-
80
ns
tHHQV
tLZ HOLD high to output valid
-
80
ns
tHLQZ(4)
tHZ HOLD low to output high-Z
-
80
ns
tW
tWC Write time
-
5
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com