Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95040-R Datasheet(PDF) 42 Page - STMicroelectronics

Part # M95040-R
Description  Compatible with SPI bus serial interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95040-R Datasheet(HTML) 42 Page - STMicroelectronics

Back Button M95040-R Datasheet HTML 38Page - STMicroelectronics M95040-R Datasheet HTML 39Page - STMicroelectronics M95040-R Datasheet HTML 40Page - STMicroelectronics M95040-R Datasheet HTML 41Page - STMicroelectronics M95040-R Datasheet HTML 42Page - STMicroelectronics M95040-R Datasheet HTML 43Page - STMicroelectronics M95040-R Datasheet HTML 44Page - STMicroelectronics M95040-R Datasheet HTML 45Page - STMicroelectronics M95040-R Datasheet HTML 46Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 42 / 46 page
background image
Package mechanical data
M950x0-W M950x0-R M950x0-DF
42/46
DocID6512 Rev 13
Figure 24. UFDFPN8 (MLP8) 8-lead ultra thin fine pitch dual flat package no lead
2 × 3mm, outline
1. Drawing is not to scale.
2. The central pad (area E2 by D2 in the above illustration) is pulled, internally, to VSS. It must not be allowed
to be connected to any other voltage or signal line on the PCB, for example during the soldering process.
3. The circle in the top view of the package indicates the position of pin 1.
Table 24. UFDFPN8 (MLP8) 8-lead ultra thin fine pitch dual flat package no lead
2 × 3mm, data
Symbol
Millimeters
Inches(1)
1. Values in inches are converted from mm and rounded to 4 decimal digits.
Typ.
Min.
Max.
Typ.
Min.
Max.
A
0.550
0.450
0.600
0.0217
0.0177
0.0236
A1
0.020
0.000
0.050
0.0008
0.0000
0.0020
b
0.250
0.200
0.300
0.0098
0.0079
0.0118
D
2.000
1.900
2.100
0.0787
0.0748
0.0827
D2 (rev MC)
-
1.200
1.600
-
0.0472
0.0630
E
3.000
2.900
3.100
0.1181
0.1142
0.1220
E2 (rev MC)
-
1.200
1.600
-
0.0472
0.0630
e
0.500
-
-
0.0197
-
-
K (rev MC)
-
0.300
-
-
0.0118
-
L
-
0.300
0.500
-
0.0118
0.0197
L1
-
-
0.150
-
-
0.0059
L3
-
0.300
-
-
0.0118
-
eee(2)
2. Applied for exposed die paddle and terminals. Exclude embedding part of exposed die paddle from
measuring.
-
0.080
-
-
0.0031
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com