Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95040-R Datasheet(PDF) 32 Page - STMicroelectronics

Part # M95040-R
Description  Compatible with SPI bus serial interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95040-R Datasheet(HTML) 32 Page - STMicroelectronics

Back Button M95040-R Datasheet HTML 28Page - STMicroelectronics M95040-R Datasheet HTML 29Page - STMicroelectronics M95040-R Datasheet HTML 30Page - STMicroelectronics M95040-R Datasheet HTML 31Page - STMicroelectronics M95040-R Datasheet HTML 32Page - STMicroelectronics M95040-R Datasheet HTML 33Page - STMicroelectronics M95040-R Datasheet HTML 34Page - STMicroelectronics M95040-R Datasheet HTML 35Page - STMicroelectronics M95040-R Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 46 page
background image
DC and AC parameters
M950x0-W M950x0-R M950x0-DF
32/46
DocID6512 Rev 13
Table 13. Cycling performance(1)
1. Cycling performance for products identified by process letter K (previous products were specified with 1
million cycles at 25 °C).
Symbol
Parameter
Test conditions
Min.
Max.
Unit
Ncycle
Write cycle endurance
TA ≤ 25 °C,
VCC(min) < VCC < VCC(max)
-
4,000,000
Write cycle
TA = 85 °C,
VCC(min) < VCC < VCC(max)
-
1,200,000
Table 14. Memory cell data retention(1)
1. For products identified by process letter K (previous products were specified with a data retention of 40
years at 55°C). The data retention behavior is checked in production, while the 200-year limit is defined
from characterization and qualification results.
Parameter
Test conditions
Min.
Unit
Data retention
TA = 55 °C
200
Year
Table 15. Capacitance (1)
1. Sampled only, not 100% tested, at TA=25 °C and a frequency of 5 MHz.
Symbol
Parameter
Test condition
Min.
Max.
Unit
COUT
Output capacitance (Q)
VOUT = 0 V
-
8
pF
CIN
Input capacitance (D)
VIN = 0 V
-
8
pF
Input capacitance (other pins)
VIN = 0 V
-
6
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com