Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95040-R Datasheet(PDF) 43 Page - STMicroelectronics

Part # M95040-R
Description  Compatible with SPI bus serial interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95040-R Datasheet(HTML) 43 Page - STMicroelectronics

Back Button M95040-R Datasheet HTML 38Page - STMicroelectronics M95040-R Datasheet HTML 39Page - STMicroelectronics M95040-R Datasheet HTML 40Page - STMicroelectronics M95040-R Datasheet HTML 41Page - STMicroelectronics M95040-R Datasheet HTML 42Page - STMicroelectronics M95040-R Datasheet HTML 43Page - STMicroelectronics M95040-R Datasheet HTML 44Page - STMicroelectronics M95040-R Datasheet HTML 45Page - STMicroelectronics M95040-R Datasheet HTML 46Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 43 / 46 page
background image
DocID6512 Rev 13
43/46
M950x0-W M950x0-R M950x0-DF
Part numbering
45
11
Part numbering
Table 25. Ordering information scheme
Example:
M95040-D
– W MN 6 T P
Device type
M95 = SPI serial access EEPROM
Device function
040 = 4 Kbit (512 x 8)
040-D = 4 Kbit (512 x 8) plus identification page
020 = 2 Kbit (256 x 8)
010 = 1 Kbit (128 x 8)
Operating voltage
W = VCC = 2.5 to 5.5 V
R = VCC = 1.8 to 5.5 V
F = VCC = 1.7 to 5.5 V
Package
MN = SO8 (150 mil width)
DW = TSSOP8 (169 mil width)
MC = UFDFPN8 (MLP8) 2 × 3mm
Device grade
6 = Industrial temperature range, –40 to 85 °C.
Device tested with standard test flow
Option
T = Tape and reel packing
blank = tube packing
Plating technology
P or G = ECOPACK® (RoHS compliant)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com