Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95020-R Datasheet(PDF) 1 Page - STMicroelectronics

Part # M95020-R
Description  Compatible with SPI bus serial interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95020-R Datasheet(HTML) 1 Page - STMicroelectronics

  M95020-R Datasheet HTML 1Page - STMicroelectronics M95020-R Datasheet HTML 2Page - STMicroelectronics M95020-R Datasheet HTML 3Page - STMicroelectronics M95020-R Datasheet HTML 4Page - STMicroelectronics M95020-R Datasheet HTML 5Page - STMicroelectronics M95020-R Datasheet HTML 6Page - STMicroelectronics M95020-R Datasheet HTML 7Page - STMicroelectronics M95020-R Datasheet HTML 8Page - STMicroelectronics M95020-R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
This is information on a product in full production.
August 2014
DocID6512 Rev 13
1/46
M950x0-W M950x0-R M950x0-DF
4 Kbit, 2 Kbit and 1 Kbit serial SPI bus EEPROM
with high-speed clock
Datasheet
- production data
Features
• Compatible with SPI bus serial interface
(Positive clock SPI modes)
• Single supply voltage:
– 2.5 V to 5.5 V for M950x0-W
– 1.8 V to 5.5 V for M950x0-R
– 1.7 V to 5.5 V for M95040-DF
• High-speed 20 MHz clock rate, 5 ms write time
• Memory array:
– 1/2/4 Kbit (128/256/512 bytes) of EEPROM
– Page size: 16 bytes
– Write protection by block: 1/4, 1/2 or whole
memory
– Additional Write lockable Page
(Identification page)
• Enhanced ESD protection
• More than 4 million write cycles
• More than 200-year data retention
• Packages RoHS-compliant and Halogen-free
(ECOPACK®)
SO8 (MN)
150 mil width
TSSOP8 (DW)
169 mil width
UFDFPN8 (MC)
2 x 3 mm
Table 1. Device summary
Reference
Part number
M950x0-W
M95040-W
M95020-W
M95010-W
M950x0-R
M95040-R
M95020-R
M95010-R
M950x0-DF
M95040-DF
www.st.com


Similar Part No. - M95020-R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M95020-R STMICROELECTRONICS-M95020-R Datasheet
335Kb / 42P
4 Kbit, 2 Kbit and 1 Kbit Serial SPI bus EEPROM with high speed Clock
06-Nov-2006
M95020-R STMICROELECTRONICS-M95020-R Datasheet
373Kb / 42P
4 Kbit, 2 Kbit and 1 Kbit serial SPI bus EEPROM with high-speed clock
20-Mar-2008
M95020-R STMICROELECTRONICS-M95020-R Datasheet
376Kb / 43P
4 Kbit, 2 Kbit and 1 Kbit serial SPI bus EEPROM with high-speed clock
24-Sep-2009
M95020-RBN3 STMICROELECTRONICS-M95020-RBN3 Datasheet
586Kb / 37P
4Kbit, 2Kbit and 1Kbit Serial SPI Bus EEPROM With High Speed Clock
05-Oct-2004
M95020-RBN3/W STMICROELECTRONICS-M95020-RBN3/W Datasheet
586Kb / 37P
4Kbit, 2Kbit and 1Kbit Serial SPI Bus EEPROM With High Speed Clock
05-Oct-2004
More results

Similar Description - M95020-R

ManufacturerPart #DatasheetDescription
logo
Micron Technology
N25Q032A13ESE40F MICRON-N25Q032A13ESE40F Datasheet
884Kb / 82P
SPI-compatible serial bus interface
logo
ATMEL Corporation
AT25040B-XHL-B ATMEL-AT25040B-XHL-B Datasheet
1Mb / 27P
Serial Peripheral Interface (SPI) Compatible
AT45DB021B ATMEL-AT45DB021B_14 Datasheet
485Kb / 32P
Serial Peripheral Interface (SPI) Compatible
AT25080A ATMEL-AT25080A_14 Datasheet
457Kb / 19P
Serial Peripheral Interface (SPI) Compatible
AT26DF161 ATMEL-AT26DF161_14 Datasheet
697Kb / 34P
Serial Peripheral Interface (SPI) Compatible
AT45DB041B ATMEL-AT45DB041B_14 Datasheet
610Kb / 35P
Serial Peripheral Interface (SPI) Compatible
AT25020A ATMEL-AT25020A_14 Datasheet
469Kb / 17P
Serial Peripheral Interface (SPI) Compatible
AT25040A ATMEL-AT25040A_14 Datasheet
469Kb / 17P
Serial Peripheral Interface (SPI) Compatible
AT25256A ATMEL-AT25256A_14 Datasheet
291Kb / 18P
Serial Peripheral Interface (SPI) Compatible
logo
Micross Components
MYXN25Q256A13ESF MICROSS-MYXN25Q256A13ESF Datasheet
1Mb / 31P
SPI-compatible serial bus interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com