Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95020-R Datasheet(PDF) 30 Page - STMicroelectronics

Part # M95020-R
Description  Compatible with SPI bus serial interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95020-R Datasheet(HTML) 30 Page - STMicroelectronics

Back Button M95020-R Datasheet HTML 26Page - STMicroelectronics M95020-R Datasheet HTML 27Page - STMicroelectronics M95020-R Datasheet HTML 28Page - STMicroelectronics M95020-R Datasheet HTML 29Page - STMicroelectronics M95020-R Datasheet HTML 30Page - STMicroelectronics M95020-R Datasheet HTML 31Page - STMicroelectronics M95020-R Datasheet HTML 32Page - STMicroelectronics M95020-R Datasheet HTML 33Page - STMicroelectronics M95020-R Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 46 page
background image
Maximum rating
M950x0-W M950x0-R M950x0-DF
30/46
DocID6512 Rev 13
8
Maximum rating
Stressing the device outside the ratings listed in Table 8: Absolute maximum ratings may
cause permanent damage to the device. These are stress ratings only, and operation of the
device at these, or any other conditions outside those indicated in the operating sections of
this specification, is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability.
Table 8. Absolute maximum ratings
Symbol
Parameter
Min.
Max.
Unit
TAMR
Ambient operating temperature
–40
130
°C
TSTG
Storage temperature
–65
150
°C
TLEAD
Lead temperature during soldering
see note (1)
1. Compliant with JEDEC standard J-STD-020D (for small-body, Sn-Pb or Pb assembly), the ST ECOPACK®
7191395 specification, and the European directive on Restrictions on Hazardous Substances (RoHS
directive 2011/65/EU of July 2011).
°C
VO
Output voltage
–0.50
VCC+0.6
V
VI
Input voltage
–0.50
VCC+1.0
V
IOL
DC output current (Q = 0)
-
5
mA
IIH
DC output current (Q = 1)
-
5
mA
VCC
Supply voltage
–0.50
6.5
V
VESD
Electrostatic pulse (Human Body Model) voltage(2)
2. Positive and negative pulses applied on pin pairs, according to the AEC-Q100-002 (compliant with JEDEC
Std JESD22-A114, C1=100pF, R1=1500
Ω, R2=500 Ω).
-4000
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com