Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95020-R Datasheet(PDF) 44 Page - STMicroelectronics

Part # M95020-R
Description  Compatible with SPI bus serial interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95020-R Datasheet(HTML) 44 Page - STMicroelectronics

Back Button M95020-R Datasheet HTML 38Page - STMicroelectronics M95020-R Datasheet HTML 39Page - STMicroelectronics M95020-R Datasheet HTML 40Page - STMicroelectronics M95020-R Datasheet HTML 41Page - STMicroelectronics M95020-R Datasheet HTML 42Page - STMicroelectronics M95020-R Datasheet HTML 43Page - STMicroelectronics M95020-R Datasheet HTML 44Page - STMicroelectronics M95020-R Datasheet HTML 45Page - STMicroelectronics M95020-R Datasheet HTML 46Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 44 / 46 page
background image
Revision history
M950x0-W M950x0-R M950x0-DF
44/46
DocID6512 Rev 13
12
Revision history
Table 26. Document revision history
Date
Version
Changes
02-Feb-2012
10
Document renamed from “M95040 M95020 M95010” to “M950x0
M950x0-W M950x0-R”
Silhouette of UDFPN8 (MB or MC) on the cover page updated.
Section 6.3: Read Status Register (RDSR) updated.
Text modified in Section 6.3.1: WIP bit.
Table 8: Absolute maximum ratings updated.
Figure 24: UFDFPN8 (MLP8) 8-lead ultra thin fine pitch dual flat package
no lead 2 × 3mm, outline modified.
Table 24: UFDFPN8 (MLP8) 8-lead ultra thin fine pitch dual flat package
no lead 2 × 3mm, data updated.
Removed tables of available products from Section 11: Part numbering.
24-May-2013
11
Document renamed from “M95040 M95020 M95010” to “M950x0-W
M950x0-R”.
Silhouette of UDFPN8 (MB or MC) on the cover page updated.
Section 6.3: Read Status Register (RDSR) updated.
Text modified in Section 6.3.1: WIP bit.
Table 8 and Table 24 updated.
Tables 8, 13, 15, 17, 19 removed.
Figure 24 modified.
Removed tables of available products from Section 11: Part numbering.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com