Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95020-R Datasheet(PDF) 33 Page - STMicroelectronics

Part # M95020-R
Description  Compatible with SPI bus serial interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95020-R Datasheet(HTML) 33 Page - STMicroelectronics

Back Button M95020-R Datasheet HTML 29Page - STMicroelectronics M95020-R Datasheet HTML 30Page - STMicroelectronics M95020-R Datasheet HTML 31Page - STMicroelectronics M95020-R Datasheet HTML 32Page - STMicroelectronics M95020-R Datasheet HTML 33Page - STMicroelectronics M95020-R Datasheet HTML 34Page - STMicroelectronics M95020-R Datasheet HTML 35Page - STMicroelectronics M95020-R Datasheet HTML 36Page - STMicroelectronics M95020-R Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 46 page
background image
DocID6512 Rev 13
33/46
M950x0-W M950x0-R M950x0-DF
DC and AC parameters
45
Table 16. DC characteristics (M950x0-W, device grade 6)
Symbol
Parameter
Test conditions in addition to those
defined in Table 9
Min.
Max.
Unit
ILI
Input leakage
current
VIN = VSS or VCC
-± 2
µA
ILO
Output leakage
current
S = VCC, VOUT = VSS or VCC
-± 2
µA
ICC
Supply current
(Read)
VCC = 2.5 V, fC = 5 MHz,
C = 0.1 VCC/0.9 VCC, Q = open
-2
mA
VCC = 2.5 V, fC = 10 MHz,
C = 0.1 VCC/0.9 VCC, Q = open
-2
VCC = 5.5 V, fC = 20 MHz,
C = 0.1 VCC/0.9 VCC, Q = open
-5 (1)
1. Only for the devices identified by process letter K.
ICC0(2)
2. Characterized only, not tested in production.
Supply current
(Write)
During tW, S = VCC, 2.5 V < VCC < 5.5 V
-
5
mA
ICC1
Supply current
(Standby)
S = VCC, VCC = 5.5 V,
VIN = VSS or VCC,
-3(3)
3. 2 µA for the devices identified by process letter G or S.
µA
S = VCC, VCC = 2.5 V,
VIN = VSS or VCC,
-2 (4)
4. 1 µA for the devices identified by process letter G or S.
VIL
Input low voltage
-
–0.45
0.3 VCC
V
VIH
Input high voltage
-
0.7 VCC
VCC+1
V
VOL
Output low voltage
IOL = 1.5 mA, VCC = 2.5 V
-
0.4
V
VOH
Output high voltage
VCC = 2.5 V and IOH = 0.4 mA or
VCC = 5 V and IOH = 2 mA
0.8 VCC
-V
VRES(2)
Internal reset
threshold voltage
-1.0(5)
5. 0.5 V with the device identified by process letter K.
1.65(6)
6. 1.5 V with the device identified by process letter K.
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com