Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95020-R Datasheet(PDF) 31 Page - STMicroelectronics

Part # M95020-R
Description  Compatible with SPI bus serial interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95020-R Datasheet(HTML) 31 Page - STMicroelectronics

Back Button M95020-R Datasheet HTML 27Page - STMicroelectronics M95020-R Datasheet HTML 28Page - STMicroelectronics M95020-R Datasheet HTML 29Page - STMicroelectronics M95020-R Datasheet HTML 30Page - STMicroelectronics M95020-R Datasheet HTML 31Page - STMicroelectronics M95020-R Datasheet HTML 32Page - STMicroelectronics M95020-R Datasheet HTML 33Page - STMicroelectronics M95020-R Datasheet HTML 34Page - STMicroelectronics M95020-R Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 46 page
background image
DocID6512 Rev 13
31/46
M950x0-W M950x0-R M950x0-DF
DC and AC parameters
45
9
DC and AC parameters
This section summarizes the operating and measurement conditions, and the DC and AC
characteristics of the device.
Figure 18. AC test measurement I/O waveform(1)
1. Output Hi-Z is defined as the point where data out is no longer driven.
Table 9. Operating conditions (M950x0-W)
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply voltage
2.5
5.5
V
TA
Ambient operating temperature (device grade 6)
–40
85
°C
Table 10. Operating conditions (M950x0-R)
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply voltage
1.8
5.5
V
TA
Ambient operating temperature
–40
85
°C
Table 11. Operating conditions (M95040-DF, device grade 6)
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply voltage
1.7
5.5
V
TA
Ambient operating temperature
–40
85
°C
Table 12. AC test measurement conditions
Symbol
Parameter
Min.
Max.
Unit
CL
Load capacitance
30
pF
-
Input rise and fall times
-
50
ns
-
Input pulse voltages
0.2VCC to 0.8VCC
V
-
Input and output timing reference voltages
0.3VCC to 0.7VCC
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com