Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL13FN Datasheet(PDF) 1 Page - ams AG

Part # TSL13FN
Description  Light-to-Voltage Converters
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL13FN Datasheet(HTML) 1 Page - ams AG

  TSL13FN Datasheet HTML 1Page - ams AG TSL13FN Datasheet HTML 2Page - ams AG TSL13FN Datasheet HTML 3Page - ams AG TSL13FN Datasheet HTML 4Page - ams AG TSL13FN Datasheet HTML 5Page - ams AG TSL13FN Datasheet HTML 6Page - ams AG TSL13FN Datasheet HTML 7Page - ams AG TSL13FN Datasheet HTML 8Page - ams AG TSL13FN Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
ams Datasheet: 2014-Jun-04 [1-00]
TSL13FN – 1
TSL13FN
Light-to-Voltage Converters
The TSL13FN is a cost optimized, highly integrated
light-to-voltage optical sensor that contains a photodiode and
a transimpedance amplifier with a 20 MΩ feedback resistor on
a single monolithic integrated circuit. The photodiode active
area is 0.5mm x 0.5mm and the sensor responds to visible light
in the range of 300 nm to 1100 nm. The output voltage is linear
with light intensity (irradiance) incident on the sensor over a
wide dynamic range. These devices are supplied in a surface
mountable package.
Ordering Information and Content Guide appear at end of
datasheet.
Key Benefits & Features
The benefits and features of TSL13FN are listed below:
Figure 1:
Added Value of Using TSL13FN
Block Diagram
The functional blocks of this device for reference are
shown below:
Figure 2:
TSL13FN Block Diagram
Benefits
Features
Approximates Human Eye Response
Single Diode
High Irradiance Responsivity to Green
18.7 mV/(
μW/cm2) at λp = 525nm
Low Supply Current
0.8mA Typical
General Description
+
-
Voltage Output
TSL13FN_Datasheet, Rev.: 1.0, TSL13FN_Datasheet_[1-00]_Light-To-Voltage Converters
Release Date: 2014-06-17, Key Contact: Matt Kroese


Similar Part No. - TSL13FN

ManufacturerPart #DatasheetDescription
logo
TEXAS ADVANCED OPTOELEC...
TSL13 TAOS-TSL13 Datasheet
214Kb / 14P
LIGHT-TO-VOLTAGE CONVERTERS
logo
Texas Instruments
TSL1301 TI-TSL1301 Datasheet
127Kb / 8P
102 횞 1 LINEAR SENSOR ARRAY WITH HOLD
logo
List of Unclassifed Man...
TSL1315 ETC-TSL1315 Datasheet
62Kb / 2P
Inductors For Power Line Radial
TSL1315-100K5R1 ETC-TSL1315-100K5R1 Datasheet
62Kb / 2P
Inductors For Power Line Radial
TSL1315-101K2R5 ETC-TSL1315-101K2R5 Datasheet
62Kb / 2P
Inductors For Power Line Radial
More results

Similar Description - TSL13FN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSLB257 ETC-TSLB257 Datasheet
101Kb / 8P
HIGHSENSITIVITY COLOR LIGHTTOVOLTAGE CONVERTERS
TSL230RD ETC1-TSL230RD Datasheet
111Kb / 10P
PROGRAMMABLE LIGHT-TO-FREQUENCY CONVERTERS
TSL230R ETC1-TSL230R Datasheet
103Kb / 8P
PROGRAMMABLE LIGHTTOFREQUENCY CONVERTERS
logo
TEXAS ADVANCED OPTOELEC...
TSL12S TAOS-TSL12S Datasheet
189Kb / 12P
LIGHT-TO-VOLTAGE CONVERTERS
TSL12T TAOS-TSL12T Datasheet
214Kb / 14P
LIGHT-TO-VOLTAGE CONVERTERS
TSL230RD TAOS-TSL230RD Datasheet
200Kb / 14P
PROGRAMMABLE LIGHT-TO-FREQUENCY CONVERTERS
logo
ams AG
TSL12S AMSCO-TSL12S Datasheet
626Kb / 13P
LIGHT-TO-VOLTAGE CONVERTERS
TSL12T AMSCO-TSL12T Datasheet
651Kb / 15P
LIGHT-TO-VOLTAGE CONVERTERS
TSL230RD AMSCO-TSL230RD Datasheet
636Kb / 15P
PROGRAMMABLE LIGHT-TO-FREQUENCY CONVERTERS
TSL14 AMSCO-TSL14 Datasheet
792Kb / 13P
LIGHT-TO-VOLTAGE CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com