Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL13FN Datasheet(PDF) 13 Page - ams AG

Part # TSL13FN
Description  Light-to-Voltage Converters
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL13FN Datasheet(HTML) 13 Page - ams AG

Back Button TSL13FN Datasheet HTML 9Page - ams AG TSL13FN Datasheet HTML 10Page - ams AG TSL13FN Datasheet HTML 11Page - ams AG TSL13FN Datasheet HTML 12Page - ams AG TSL13FN Datasheet HTML 13Page - ams AG TSL13FN Datasheet HTML 14Page - ams AG TSL13FN Datasheet HTML 15Page - ams AG TSL13FN Datasheet HTML 16Page - ams AG TSL13FN Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
ams Datasheet: 2014-Jun-04 [1-00]
TSL13FN – 13
Soldering & St or age I n f o rma t ion
Storage Information
Moisture Sensitivity
Optical characteristics of the device can be adversely affected
during the soldering process by the release and vaporization of
moisture that has been previously absorbed into the package.
To ensure the package contains the smallest amount of
absorbed moisture possible, each device is baked prior to being
dry packed for shipping.
Devices are dry packed in a sealed aluminized envelope called
a moisture-barrier bag with silica gel to protect them from
ambient moisture during shipping, handling, and storage
before use.
This package has been assigned a moisture sensitivity level of
MSL3 and the devices should be stored under the following
conditions.
• Temperature Range: 5°C to 50°C
• Relative Humidity: 60% maximum
• Total Time: 12 months from the date code on the
aluminized envelope – if opened
• Open Time: 168 hours or less
Re-baking will be required if the devices have been stored
unopened for more than 12 months or the aluminized envelop
has been open for more than 168hrs. If re-baking is required,
it should be done at 50°C for 12 hours.
TSL13FN_Datasheet, Rev.: 1.0, TSL13FN_Datasheet_[1-00]_Light-To-Voltage Converters
Release Date: 2014-06-17, Key Contact: Matt Kroese



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com