Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL13FN Datasheet(PDF) 2 Page - ams AG

Part # TSL13FN
Description  Light-to-Voltage Converters
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL13FN Datasheet(HTML) 2 Page - ams AG

  TSL13FN Datasheet HTML 1Page - ams AG TSL13FN Datasheet HTML 2Page - ams AG TSL13FN Datasheet HTML 3Page - ams AG TSL13FN Datasheet HTML 4Page - ams AG TSL13FN Datasheet HTML 5Page - ams AG TSL13FN Datasheet HTML 6Page - ams AG TSL13FN Datasheet HTML 7Page - ams AG TSL13FN Datasheet HTML 8Page - ams AG TSL13FN Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
TSL13FN – 2
ams Datasheet: 2014-Jun-04 [1-00]
P i n A ssig n me n t
Figure 3:
Pin Diagram (Top View)
Figure 4:
Pin Description
Pin Number
Pin Name
Description
1
VDD
Supply voltage
2OUT
Output voltage
3N/C
No connection
4N/C
No connection
5N/C
No connection
6
GND
Power supply ground. All voltages are referenced to GND
Pin Assignment
VDD 1
OUTPUT
2
NO CONNECT 3
6
GND
5
NO CONNECT
4 NO CONNECT
Pin Description
TSL13FN_Datasheet, Rev.: 1.0, TSL13FN_Datasheet_[1-00]_Light-To-Voltage Converters
Release Date: 2014-06-17, Key Contact: Matt Kroese



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com