Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL13FN Datasheet(PDF) 3 Page - ams AG

Part # TSL13FN
Description  Light-to-Voltage Converters
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL13FN Datasheet(HTML) 3 Page - ams AG

  TSL13FN Datasheet HTML 1Page - ams AG TSL13FN Datasheet HTML 2Page - ams AG TSL13FN Datasheet HTML 3Page - ams AG TSL13FN Datasheet HTML 4Page - ams AG TSL13FN Datasheet HTML 5Page - ams AG TSL13FN Datasheet HTML 6Page - ams AG TSL13FN Datasheet HTML 7Page - ams AG TSL13FN Datasheet HTML 8Page - ams AG TSL13FN Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
ams Datasheet: 2014-Jun-04 [1-00]
TSL13FN – 3
Abs o lute M a ximum R a tings
Stresses beyond those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device. These are
stress ratings only. Functional operation of the device at these
or any other conditions beyond those indicated under
“Operating Conditions” is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Figure 5:
Absolute Maximum Ratings
Symbol
Parameter
Min
Max
Units
Comments
VDD
Supply voltage
6
V
All voltages are with respect to GND
IO
Output current
-10
10
mA
Tstg
Storage temperature range
-40
85
ºC
Absolute Maximum Ratings
TSL13FN_Datasheet, Rev.: 1.0, TSL13FN_Datasheet_[1-00]_Light-To-Voltage Converters
Release Date: 2014-06-17, Key Contact: Matt Kroese



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com