Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL13FN Datasheet(PDF) 4 Page - ams AG

Part # TSL13FN
Description  Light-to-Voltage Converters
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL13FN Datasheet(HTML) 4 Page - ams AG

  TSL13FN Datasheet HTML 1Page - ams AG TSL13FN Datasheet HTML 2Page - ams AG TSL13FN Datasheet HTML 3Page - ams AG TSL13FN Datasheet HTML 4Page - ams AG TSL13FN Datasheet HTML 5Page - ams AG TSL13FN Datasheet HTML 6Page - ams AG TSL13FN Datasheet HTML 7Page - ams AG TSL13FN Datasheet HTML 8Page - ams AG TSL13FN Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
TSL13FN – 4
ams Datasheet: 2014-Jun-04 [1-00]
E l ec t r i c al C h a r ac teri sti c s
All limits are guaranteed. The parameters with min and max
values are guaranteed with production tests or SQC (Statistical
Quality Control) methods.
Figure 6:
Recommended Operating Conditions
Figure 7:
Operating Characteristics, VDD = 5 V, TA = 25ºC, λp = 525 nm (unless otherwise noted)
(1), (2), (3)
Note(s) and/or Footnote(s):
1. Optical measurements are made using small-angle incident radiation from an LED optical source.
2. The 525 nm irradiance Ee is supplied by a InGaN light-emitting diode with the following typical characteristics: peak wavelength
λp = 525 nm and spectral halfwidth Δλ½ = 40 nm.
3. The 850 nm irradiance Ee is supplied by a light-emitting diode with the following typical characteristics: peak wavelength
λp = 850 nm and spectral halfwidth Δλ½ = 42 nm.
4. Irradiance responsivity is characterized over the range VO = 0.2 to 4 V. The best-fit straight line of output voltage VO versus irradiance
Ee over this range may have a positive or negative extrapolated VO value for Ee = 0. For low irradiance values, the output voltage
VO versus irradiance Ee characteristic is nonlinear with a deviation toward VO = 0, Ee = 0 origin from the best-fit straight line
referenced above.
Symbol
Parameter
Min
Typ
Max
Units
VDD
Supply voltage
2.7
5.5
V
TA
Operating free-air temperature
-30
70
°C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VOM
Maximum output voltage
4.6
4.9
V
VO
Output voltage
λp = 525 nm
Ee = 107 μW/cm
2
1.5
2
2.5
V
λp = 850 nm
Ee = 70.5 μW/cm
2
1.5
2
2.5
Re
Irradiance responsivity
λp = 525nm
(4)
18.7
mV/(
μW
/cm2)
VOS
Extrapolated offset voltage
see note (4)
-0.02
0.03
0.08
V
Vd
Dark voltage
Ee = 0 μW/cm
2
00.08
V
ID
Supply current
λp = 525 nm
Ee = 107 μW/cm
2
0.8
1.3
mA
Electrical Characteristics
TSL13FN_Datasheet, Rev.: 1.0, TSL13FN_Datasheet_[1-00]_Light-To-Voltage Converters
Release Date: 2014-06-17, Key Contact: Matt Kroese



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com