Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OA1NP Datasheet(PDF) 6 Page - STMicroelectronics

Part # OA1NP
Description  Rail-to-rail input and output
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

OA1NP Datasheet(HTML) 6 Page - STMicroelectronics

Back Button OA1NP Datasheet HTML 2Page - STMicroelectronics OA1NP Datasheet HTML 3Page - STMicroelectronics OA1NP Datasheet HTML 4Page - STMicroelectronics OA1NP Datasheet HTML 5Page - STMicroelectronics OA1NP Datasheet HTML 6Page - STMicroelectronics OA1NP Datasheet HTML 7Page - STMicroelectronics OA1NP Datasheet HTML 8Page - STMicroelectronics OA1NP Datasheet HTML 9Page - STMicroelectronics OA1NP Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
Electrical characteristics
OA1NP, OA2NP, OA4NP
6/31
DocID025993 Rev 2
SR
Slew rate (10 % to 90 %)
RL = 1 M, CL = 60 pF
Vout = 0.3 V to (VCC+ - 0.3 V)
3V/ms
en
Equivalent input noise
voltage
f = 100 Hz
265
f = 1 kHz
265
e
n
Low-frequency peak-to-
peak input noise
Bandwidth: f = 0.1 to 10 Hz
9
µVpp
in
Equivalent input noise
current
f = 100 Hz
0.64
f = 1 kHz
4.4
trec
Overload recovery time
100 mV from rail in comparator
RL = 100 k, VID = ±VCC
-40 °C < T< 85 °C
30
µs
1.
Typical value is based on the V
io drift observed after 1000h at 125 °C extrapolated to 25 °C using the Arrhenius law and
assuming an activation energy of 0.7 eV. The operational amplifier is aged in follower mode configuration.
2.
Guaranteed by design.
Table 4. Electrical characteristics (continued)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
nV
Hz
------------
fA
Hz
------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com