Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OA1NP Datasheet(PDF) 5 Page - STMicroelectronics

Part # OA1NP
Description  Rail-to-rail input and output
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

OA1NP Datasheet(HTML) 5 Page - STMicroelectronics

  OA1NP Datasheet HTML 1Page - STMicroelectronics OA1NP Datasheet HTML 2Page - STMicroelectronics OA1NP Datasheet HTML 3Page - STMicroelectronics OA1NP Datasheet HTML 4Page - STMicroelectronics OA1NP Datasheet HTML 5Page - STMicroelectronics OA1NP Datasheet HTML 6Page - STMicroelectronics OA1NP Datasheet HTML 7Page - STMicroelectronics OA1NP Datasheet HTML 8Page - STMicroelectronics OA1NP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
DocID025993 Rev 2
5/31
OA1NP, OA2NP, OA4NP
Electrical characteristics
31
3
Electrical characteristics
VCC+ = 1.8 V with VCC- = 0 V, Vicm = VCC/2, Tamb = 25 ° C, and RL = 1 M connected to
VCC/2 (unless otherwise specified)
Table 4. Electrical characteristics
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
DC performance
Vio
Input offset voltage
-3
0.1
3
mV
-40 °C < T< 85 °C
-3.4
3.4
V
io/T
Input offset voltage drift
-40 °C < T< 85 °C
5
V/°C
V
io
Long-term input offset
voltage drift
T = 25 °C(1)
0.18
Iio
Input offset current (2)
15
pA
-40 °C < T< 85 °C
30
Iib
Input bias current (2)
15
-40 °C < T< 85 °C
30
CMR
Common mode rejection
ratio 20 log (
V
icm/Vio)
V
icm = 0 to 0.6 V, V
out = VCC/2
65
85
dB
-40 °C < T< 85 °C
65
V
icm = 0 to 1.8 V, V
out = VCC/2
55
74
-40°C < T< 85 °C
55
Avd
Large signal voltage gain
Vout = 0.3 V to (VCC+ - 0.3 V)
RL = 100 k
95
115
-40 °C < T< 85 °C
95
VOH
High level output voltage
(drop from VCC+)
RL = 100 k
40
mV
-40 °C < T< 85 °C
40
VOL
Low level output voltage
RL = 100 k
40
-40 °C < T< 85 °C
40
Iout
Output sink current
Vout = VCC, VID = -200 mV
4
5
mA
-40 °C < T< 85 °C
4
Output source current
Vout = 0 V, VID = + 200 mV
4
5
-40 °C < T< 85 °C
4
ICC
Supply current
(per channel)
No load, Vout = VCC/2
580
750
nA
-40 °C < T< 85 °C
800
AC performance
GBP
Gain bandwidth product
RL = 1 M, CL = 60 pF
8
kHz
Fu
Unity gain frequency
8
m
Phase margin
60
degrees
Gm
Gain margin
10
dB
V
month
---------------------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com