Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OA1NP Datasheet(PDF) 12 Page - STMicroelectronics

Part # OA1NP
Description  Rail-to-rail input and output
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

OA1NP Datasheet(HTML) 12 Page - STMicroelectronics

Back Button OA1NP Datasheet HTML 8Page - STMicroelectronics OA1NP Datasheet HTML 9Page - STMicroelectronics OA1NP Datasheet HTML 10Page - STMicroelectronics OA1NP Datasheet HTML 11Page - STMicroelectronics OA1NP Datasheet HTML 12Page - STMicroelectronics OA1NP Datasheet HTML 13Page - STMicroelectronics OA1NP Datasheet HTML 14Page - STMicroelectronics OA1NP Datasheet HTML 15Page - STMicroelectronics OA1NP Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
Electrical characteristics
OA1NP, OA2NP, OA4NP
12/31
DocID025993 Rev 2
Figure 8. Input offset voltage temperature
coefficient distribution
Figure 9. Input bias current vs. temperature at
mid VICM
-5
-4
-3
-2
-1
0
1
2
3
4
5
0
5
10
15
20
25
30
Vio/T distribution
between T=-40°C and 85°C
for Vcc=3.3V, Vicm=1.65V
Vio/T (µV/°C)
-40
-40
-20
-20
0
020
20
40
40
60
60
80
80
-20
-20
-15
-10
-10
-5
0
0
5
10
10
15
20
20
Vcc=3.3V
Vcc=5V
Vcc=1.8V
Vicm=Vcc/2
Temperature (°C)
Figure 10. Input bias current vs. temperature at
low VICM
Figure 11. Input bias current vs. temperature at
high VICM
-40
-40
-20
-20
0
020
20
40
40
60
60
80
80
-20
-20
-15
-10
-10
-5
0
0
5
10
10
15
20
20
Vcc=3.3V
Vcc=5V
Vcc=1.8V
Vicm=0V
Temperature (°C)
-40
-40
-20
-20
0
020
20
40
40
60
60
80
80
-20
-20
-15
-10
-10
-5
0
0
5
10
10
15
20
20
Vcc=3.3V
Vcc=5V
Vcc=1.8V
Vicm=Vcc
Temperature (°C)
Figure 12. Output characteristics at 1.8 V
supply voltage
Figure 13. Output characteristics at 3.3 V
supply voltage
0.0
0.0 0.5
0.5 1.0
1.0 1.5
1.5 2.0
2.0 2.5
2.5 3.0
3.0 3.5
3.5 4.0
4.0 4.5
4.5 5.0
5.0 5.5
5.5 6.0
6.0
0.0
0.0
0.2
0.2
0.4
0.4
0.6
0.6
0.8
0.8
1.0
1.0
1.2
1.2
1.4
1.4
1.6
1.6
1.8
1.8
Source
Vid=0.2V
Sink
Vid=-0.2V
T=85°C
T=-40°C
Vcc=1.8V
Vicm=0.1V
T=25°C
Output Current (mA)
0
01
12
23
34
45
56
67
78
89
910
10
0.0
0.0
0.3
0.3
0.6
0.6
0.9
0.9
1.2
1.2
1.5
1.5
1.8
1.8
2.1
2.1
2.4
2.4
2.7
2.7
3.0
3.0
3.3
3.3
Source
Vid=0.2V
Sink
Vid=-0.2V
T=85°C
T=-40°C
Vcc=3.3V
Vicm=0.1V
T=25°C
Output Current (mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com