Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OA1NP Datasheet(PDF) 1 Page - STMicroelectronics

Part # OA1NP
Description  Rail-to-rail input and output
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

OA1NP Datasheet(HTML) 1 Page - STMicroelectronics

  OA1NP Datasheet HTML 1Page - STMicroelectronics OA1NP Datasheet HTML 2Page - STMicroelectronics OA1NP Datasheet HTML 3Page - STMicroelectronics OA1NP Datasheet HTML 4Page - STMicroelectronics OA1NP Datasheet HTML 5Page - STMicroelectronics OA1NP Datasheet HTML 6Page - STMicroelectronics OA1NP Datasheet HTML 7Page - STMicroelectronics OA1NP Datasheet HTML 8Page - STMicroelectronics OA1NP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
This is information on a product in full production.
March 2014
DocID025993 Rev 2
1/31
OA1NP, OA2NP,
OA4NP
Low power, rail-to-rail input and output,
CMOS op amp
Datasheet
- production data
Features
 Low power: 580 nA typ. per channel at 25 °C at
VCC = 1.8 V
 Low supply voltage: 1.5 V - 5.5 V
 Unity gain stable
 Rail-to-rail input and output
 Gain bandwidth product: 8 kHz typ.
 Low input bias current: 5 pA max at 25 °C
 High tolerance to ESD: 2 kV HBM
 Industrial temperature range: -40 °C to +85 °C
Benefits
 42 years of typical equivalent lifetime (OA1NP)
if supplied by a 220 mAh coin type Lithium
battery
 Tolerance to power supply transient drops
 Accurate signal conditioning of high impedance
sensors
 Fast desaturation
Applications
 Wearable
 Fitness and healthcare
 Medical instrumentation
Description
The OA1NP, OA2NP, OA4NP series of CMOS
operational amplifiers offer a low power
consumption of 580 nA typical and 750 nA
maximum per channel when supplied by 1.8 V.
Combined with a supply voltage range of 1.5 V to
5.5 V, these features allow the OA1NP, OA2NP,
OA4NP op amp series to be efficiently supplied
by a coin type Lithium battery or a regulated
voltage in low power applications.
The OA1NP, OA2NP, OA4NP are respectively the
single, dual and quad operational amplifier
versions.
The 8 kHz gain bandwidth of these devices make
them ideal for wearable, fitness and healthcare
and sensors signal conditioning applications.
Table 1. Device summary
Order codes
Temperature range
Packages
Packing
Marking
OA1NP22C
-40 ° C to +85 ° C
SC70-5
Tape and reel
K22
OA2NP22Q
DFN8 2x2
K24
OA2NP34S
MiniSO8
K160
OA4NP33Q
QFN16 3x3
K160
www.st.com


Similar Part No. - OA1NP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OA100 ETC1-OA100 Datasheet
41Kb / 1P
JEDEC DO-7 PACKAGE
OA105KE ETC2-OA105KE Datasheet
124Kb / 1P
Molded insulation for high dielec-tric strength.
logo
ORION FANS
OA109 ORIONFANS-OA109 Datasheet
837Kb / 1P
AC Fan - 115V, 230V, Dual Voltage 120x38mm (4.7?쓝 1.5??
OA109 ORIONFANS-OA109 Datasheet
120Kb / 1P
AC Fan - 115V, 230V, Reverse Airflow 120x38mm (4.7?쓝 1.5??
OA109 ORIONFANS-OA109 Datasheet
113Kb / 1P
AC Fan - 115V, 230V 120x38mm (4.7?쓝 1.5??
More results

Similar Description - OA1NP

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6492 NSC-LMC6492 Datasheet
705Kb / 18P
CMOS Rail-to-Rail Input and Output Operational Amplifier
LMC6681 NSC-LMC6681 Datasheet
750Kb / 24P
Low Voltage, Rail-To-Rail Input and Output CMOS
logo
Linear Technology
LT1218 LINER-LT1218 Datasheet
375Kb / 16P
Precision Rail-to-Rail Input and Output Op Amps
logo
Analog Devices
OP196 AD-OP196_02 Datasheet
287Kb / 16P
Micropower, Rail-to-Rail Input and Output Operational Amplifiers
REV. C
OP184 AD-OP184_06 Datasheet
508Kb / 24P
Precision Rail-to-Rail Input and Output Operational Amplifiers
REV. D
logo
Diodes Incorporated
APX321 DIODES-APX321 Datasheet
670Kb / 18P
LOW VOLTAGE, RAIL-TO-RAIL INPUT AND OUTPUT
APX324 Rev. 13
logo
Linear Technology
LTC6800 LINER-LTC6800_15 Datasheet
1Mb / 14P
Rail-to-Rail, Input and Output, Instrumentation Amplifier
LT1218 LINER-LT1218_15 Datasheet
327Kb / 16P
Precision Rail-to-Rail Input and Output Op Amps
logo
Microchip Technology
MCP6N11 MICROCHIP-MCP6N11 Datasheet
5Mb / 50P
Rail-to-Rail Input and Output
08/02/11
MCP6N16 MICROCHIP-MCP6N16 Datasheet
7Mb / 58P
Rail-to-Rail Input and Output
03/25/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com