Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OA1NP Datasheet(PDF) 22 Page - STMicroelectronics

Part # OA1NP
Description  Rail-to-rail input and output
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

OA1NP Datasheet(HTML) 22 Page - STMicroelectronics

Back Button OA1NP Datasheet HTML 18Page - STMicroelectronics OA1NP Datasheet HTML 19Page - STMicroelectronics OA1NP Datasheet HTML 20Page - STMicroelectronics OA1NP Datasheet HTML 21Page - STMicroelectronics OA1NP Datasheet HTML 22Page - STMicroelectronics OA1NP Datasheet HTML 23Page - STMicroelectronics OA1NP Datasheet HTML 24Page - STMicroelectronics OA1NP Datasheet HTML 25Page - STMicroelectronics OA1NP Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
Application information
OA1NP, OA2NP, OA4NP
22/31
DocID025993 Rev 2
Figure 40. Potentiostat schematic using the OA1NP (or OA2NP)
4.8
Fast desaturation
When the OA1NP, OA2NP, and OA4NP, operational amplifiers go into saturation mode, they
take a short period of time to recover, typically thirty microseconds. When recovering after
saturation, the OA1NP, OA2NP, and OA4NP series does not exhibit any voltage peaks that
could generate issues (such as false alarms) in the application (see Figure 17). This is
because the internal gain of the amplifier decreases smoothly when the output signal gets
close to the VCC+ or VCC- supply rails (see Figure 15 and Figure 16).
Thus, to maintain signal integrity, the user should take care that the output signal stays at
100 mV from the supply rails.
With a trans-impedance schematic, a voltage reference can be used to keep the signal
away from the supply rails.
4.9
Using the OA1NP, OA2NP, OA4NP series in comparator mode
The OA1NP, OA2NP, and OA4NP series can be used as a comparator. In this case, the
output stage of the device always operates in saturation mode. In addition, Figure 4 shows
the current consumption is not bigger and even decreases smoothly close to the rails. The
OA1NP, OA2NP, and OA4NP are obviously operational amplifiers and are therefore
optimized to be used in linear mode. We recommend to use the TS88 series of nanopower
comparators if the primary function is to perform a signal comparison only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com