Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STHDLS101TQTR Datasheet(PDF) 14 Page - STMicroelectronics

Part # STHDLS101TQTR
Description  AC coupled HDMI level shifter with configurable HPD output
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STHDLS101TQTR Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STHDLS101TQTR Datasheet HTML 10Page - STMicroelectronics STHDLS101TQTR Datasheet HTML 11Page - STMicroelectronics STHDLS101TQTR Datasheet HTML 12Page - STMicroelectronics STHDLS101TQTR Datasheet HTML 13Page - STMicroelectronics STHDLS101TQTR Datasheet HTML 14Page - STMicroelectronics STHDLS101TQTR Datasheet HTML 15Page - STMicroelectronics STHDLS101TQTR Datasheet HTML 16Page - STMicroelectronics STHDLS101TQTR Datasheet HTML 17Page - STMicroelectronics STHDLS101TQTR Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
Maximum ratings
STHDLS101T
14/26
5
Maximum ratings
Stressing the device above the rating listed in the “Absolute maximum ratings” table may
cause permanent damage to the device. These are stress ratings only and operation of the
device at these or any other conditions above those indicated in the Operating sections of
this specification is not implied. Exposure to Absolute maximum rating conditions for
extended periods may affect device reliability. Refer also to the STMicroelectronics SURE
Program and other relevant quality documents.
Table 5.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage to ground potential
-0.5 to +4.0
V
VI
DC input voltage (TMDS and PCIe ports)
-0.5 to +4.0
V
Control pins
-0.5 to +4.0
V
SDA_SINK, SCL_SINK, HPD_SINK pins
-0.5 to +6
V
IO
DC output current
120
mA
PD
Power dissipation
1
W
TSTG
Storage temperature
-65 to +150
°C
TL
Lead temperature (10 sec)
300
°C
VESD
Electrostatic discharge
voltage on IOs(1)
1. In accordance with the MIL standard 883 method 3015
Human body model
±6
kV
Table 6.
Thermal data
Symbol
Parameter
QFN-48
Unit
θ
JA
Junction-ambient thermal coefficient
48
°C/W
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com