Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STHDLS101TQTR Datasheet(PDF) 19 Page - STMicroelectronics

Part # STHDLS101TQTR
Description  AC coupled HDMI level shifter with configurable HPD output
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STHDLS101TQTR Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STHDLS101TQTR Datasheet HTML 15Page - STMicroelectronics STHDLS101TQTR Datasheet HTML 16Page - STMicroelectronics STHDLS101TQTR Datasheet HTML 17Page - STMicroelectronics STHDLS101TQTR Datasheet HTML 18Page - STMicroelectronics STHDLS101TQTR Datasheet HTML 19Page - STMicroelectronics STHDLS101TQTR Datasheet HTML 20Page - STMicroelectronics STHDLS101TQTR Datasheet HTML 21Page - STMicroelectronics STHDLS101TQTR Datasheet HTML 22Page - STMicroelectronics STHDLS101TQTR Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
STHDLS101T
Maximum ratings
19/26
5.5
OE_ input characteristics
5.6
HPD input resistor
5.7
ESD performance
Table 12.
OE_N input characteristics
Symbol
Parameter
Comment
Min
Typ
Max
Unit
VIH-OE_N Input high level
2
VCC33
V
VIL-OE_N Input low level
0
0.8
V
IIN-OE_N
Input leakage current
Measured with OE_N at
VIH-OE_N max and VIL-
OE_N mix
200
µA
Table 13.
HDP input resistor
Symbol
Parameter
Comment
Min
Typ
Max
Unit
RHPD
HPD_SINK input pull-down resistor
Guarantees HPD_SINK is
LOW when no display is
plugged in
130 K
160 K
190 K
Ω
Table 14.
ESD performance
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
ESD
MIL STD 883 method 3015 (all pins)
Human Body Model (HBM)
-6
+6
kV
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com