Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STHDLS101TQTR Datasheet(PDF) 23 Page - STMicroelectronics

Part # STHDLS101TQTR
Description  AC coupled HDMI level shifter with configurable HPD output
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STHDLS101TQTR Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STHDLS101TQTR Datasheet HTML 18Page - STMicroelectronics STHDLS101TQTR Datasheet HTML 19Page - STMicroelectronics STHDLS101TQTR Datasheet HTML 20Page - STMicroelectronics STHDLS101TQTR Datasheet HTML 21Page - STMicroelectronics STHDLS101TQTR Datasheet HTML 22Page - STMicroelectronics STHDLS101TQTR Datasheet HTML 23Page - STMicroelectronics STHDLS101TQTR Datasheet HTML 24Page - STMicroelectronics STHDLS101TQTR Datasheet HTML 25Page - STMicroelectronics STHDLS101TQTR Datasheet HTML 26Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
STHDLS101T
Package mechanical data
23/26
Figure 7.
QFN-48 tape and reel information
Table 15.
QFN-48 (7 x 7 mm) package mechanical data
Symbol
Min
Typ
Max
Min
Typ
Max
A
0.80
0.90
1.00
0.80
0.85
1.00
A1
0.02
0.05
0.01
0.05
A2
0.65
1.00
0.65
A3
0.25
0.20
b
0.18
0.23
0.30
0.18
0.23
0.30
D
6.85
7.00
7.15
6.90
7.00
7.10
D2
2.25
4.70
5.25
SEE EXPOSED PAD VARIATIONS
E
6.85
7.00
7.15
6.90
7.00
7.10
E2
2.25
4.70
5.25
SEE EXPOSED PAD VARIATIONS
e
0.45
0.50
0.55
0.45
0.50
0.55
L
0.30
0.40
0.50
0.30
0.40
0.50
ddd
0.08
0.08
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com