Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STHDLS101TQTR Datasheet(PDF) 16 Page - STMicroelectronics

Part # STHDLS101TQTR
Description  AC coupled HDMI level shifter with configurable HPD output
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STHDLS101TQTR Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STHDLS101TQTR Datasheet HTML 12Page - STMicroelectronics STHDLS101TQTR Datasheet HTML 13Page - STMicroelectronics STHDLS101TQTR Datasheet HTML 14Page - STMicroelectronics STHDLS101TQTR Datasheet HTML 15Page - STMicroelectronics STHDLS101TQTR Datasheet HTML 16Page - STMicroelectronics STHDLS101TQTR Datasheet HTML 17Page - STMicroelectronics STHDLS101TQTR Datasheet HTML 18Page - STMicroelectronics STHDLS101TQTR Datasheet HTML 19Page - STMicroelectronics STHDLS101TQTR Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
Maximum ratings
STHDLS101T
16/26
5.2
TMDS outputs (OUT_D signals)
The level shifter’s TMDS outputs are required to meet the HDMI 1.3 specifications. The
HDMI 1.3 specification is assumed to be the correct reference in instances where this
document conflicts with the HDMI 1.3 specification.
Table 9.
Differential output characteristics for TMDS OUT_D signals
Symbol
Parameter
Comments
Min
Typ
Max
Unit
VH
Single-ended high
level output voltage
AVCC is the DC termination
voltage in the HDMI or DVI
sink. AVCC is nominally 3.3 V
AVCC-10 mV
AVCC
AVCC+10 m
V
V
VL
Single-ended low level
output voltage
The open-drain output pulls
down form AVCC
AVCC-
600 mV
AVCC-
500 mV
AVCC-
400 mV
V
VSWING
Single-ended output
swing voltage
Swing down from TMDS
termination voltage
(3.3 V ±10%)
400 mV
500 mV
600 mV
V
IOFF
Single-ended current
in high-Z state
Measured with TMDS outputs
pulled up to AVCC max (3.6 V)
through 50
Ω resistors
10
µA
TR
Rise time
Maximum rise/fall time at
2.7 Gbps = 148ps. 125ps =
148 – 15%
125 ps
0.4 Tbit
ps
TF
Fall time
Maximum rise/fall time at
2.7 Gbps = 148 ps.
125ps = 148 – 15%
125 ps
0.4 Tbit
ps
TSKEW-
INTRA
Intra-pair differential
skew
This differential skew budget
is in addition to the skew
presented between D+ and D-
paired input pins.
10
ps
TSKEW-
INTER
Inter-pair lane to lane
output skew
This lane to lane skew budget
is in addition to the skew
between differential input
pairs.
250
ps
TJIT
Jitter added to TMDS
signals
Jitter budget for TMDS
signals as they pass through
the level shifter.
7.4 ps = 0.02 Tbit at 2.7 Gbps
7.4
ps
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com