Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STHDLS101TQTR Datasheet(PDF) 1 Page - STMicroelectronics

Part # STHDLS101TQTR
Description  AC coupled HDMI level shifter with configurable HPD output
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STHDLS101TQTR Datasheet(HTML) 1 Page - STMicroelectronics

  STHDLS101TQTR Datasheet HTML 1Page - STMicroelectronics STHDLS101TQTR Datasheet HTML 2Page - STMicroelectronics STHDLS101TQTR Datasheet HTML 3Page - STMicroelectronics STHDLS101TQTR Datasheet HTML 4Page - STMicroelectronics STHDLS101TQTR Datasheet HTML 5Page - STMicroelectronics STHDLS101TQTR Datasheet HTML 6Page - STMicroelectronics STHDLS101TQTR Datasheet HTML 7Page - STMicroelectronics STHDLS101TQTR Datasheet HTML 8Page - STMicroelectronics STHDLS101TQTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
December 2008
Rev 3
1/26
26
STHDLS101T
AC coupled HDMI level shifter
with configurable HPD output
Features
Converts low-swing alternating current (AC)
coupled differential input to high-definition
multimedia interface (HDMI) rev 1.3 compliant
HDMI level shifting operation up to 2.7 Gbps
per lane
Integrated 50-
Ω termination resistors for AC-
coupled differential inputs
Input/output transition minimized differential
signaling (TMDS) enable/disable
Output slew rate control on TMDS outputs to
minimize electromagnetic interference (EMI)
Fail safe outputs for backdrive protection
No re-timing or configuration required
Inter-pair output skew < 250 ps
Intra-pair output skew < 10 ps
Single power supply of 3.3 V
ESD protection: ±6 KV HBM on all I/O pins
Integrated display data channel (DDC) level
shifters. Pass-gate voltage limiters allow 3.3 V
termination on graphics and memory controller
hub (GMCH) pins and 5 V DDC termination on
HDMI connector pins
Level shifter and configurable output for HPD
signal from HDMI/DVI connector
Integrated pull-down resistor on HPD_SINK
and OE_N inputs
Applications
Notebooks
PC motherboards and graphic cards
Dongles/cable adapters
Description
The STHDLS101T is a high-speed high-definition
multimedia interface (HDMI) level shifter that
converts low-swing AC coupled differential input
to HDMI 1.3 compliant open-drain current
steering RX-terminated differential output.
Through the existing PCI-E pins in the graphics
and memory controller hub (GMCH) of PCs or
notebook motherboards, the pixel clock provides
the required bandwidth (1.65 Gbps, 2.25 Gbps)
for the video supporting 720p, 1080i, 1080p with a
total of 36-bit resolution. The HDMI is multiplexed
onto the PCIe pins in the motherboard where the
AC coupled HDMI at 1.2 V is output by GMCH.
The AC coupled HDMI is then level shifter by this
device to 3.3 V DC coupled HDMI output.
The STHDLS101T supports up to 2.7 Gbps,
which is enough for 12-bits of color depth per
channel, as indicated in HDMI rev 1.3. The device
operates from a single 3.3 V supply and is
available in a 48-pin QFN package.
QFN-48
(7 x 7 mm)
Table 1.
Device summary
Order code
Package
Packaging
STHDLS101TQTR
QFN-48
Tape and reel
www.st.com
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - STHDLS101TQTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STHDLS101 STMICROELECTRONICS-STHDLS101 Datasheet
491Kb / 25P
AC coupled HDMI level shifter
01-Dec-2008
STHDLS101A STMICROELECTRONICS-STHDLS101A Datasheet
365Kb / 24P
Enhanced AC coupled HDMI level shifter with configurable HPD output
22-Jun-2009
STHDLS101QTR STMICROELECTRONICS-STHDLS101QTR Datasheet
491Kb / 25P
AC coupled HDMI level shifter
01-Dec-2008
More results

Similar Description - STHDLS101TQTR

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3VDP411LS PERICOM-PI3VDP411LS Datasheet
439Kb / 11P
Digital Video Level Shifter from AC coupled digital video input to a DVI/HDMI transmitter
logo
NXP Semiconductors
PTN3300A NXP-PTN3300A Datasheet
133Kb / 23P
DVI/HDMI level shifter with inverting 1.1 V HPD
Rev. 01-30 June 2008
PTN3360A NXP-PTN3360A Datasheet
395Kb / 21P
Enhanced performance HDMI/DVI level shifter with inverting HPD
Rev. 02-8 October 2009
logo
STMicroelectronics
STHDLS101 STMICROELECTRONICS-STHDLS101 Datasheet
491Kb / 25P
AC coupled HDMI level shifter
01-Dec-2008
logo
Pericom Semiconductor C...
PI3VDP411LSZBE PERICOM-PI3VDP411LSZBE Datasheet
594Kb / 13P
Digital Video Level Shifter from AC coupled digital video input to a DVI/HDMI transmitter
logo
STMicroelectronics
STHDLS101A STMICROELECTRONICS-STHDLS101A Datasheet
365Kb / 24P
Enhanced AC coupled HDMI level shifter with configurable HPD output
22-Jun-2009
logo
List of Unclassifed Man...
ASM1442 ETC2-ASM1442 Datasheet
366Kb / 18P
HDMI/DVI Level Shifter
logo
Texas Instruments
TDP0604 TI-TDP0604 Datasheet
1Mb / 58P
TDP0604 6-Gbps, DC or AC-Coupled to HDMI??2.0 Level Shifter Hybrid Redriver
DECEMBER 2021
TDP0604 TI-TDP0604_V01 Datasheet
2Mb / 65P
TDP0604 6-Gbps, DC or AC-Coupled to HDMI??2.0 Level Shifter Hybrid Redriver
DECEMBER 2021
TDP1204 TI-TDP1204 Datasheet
2Mb / 79P
TDP1204 12-Gbps, DC/AC-Coupled to HDMI™ 2.1 Level Shifter Hybrid Redriver
JULY 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com