Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLV3243EB Datasheet(PDF) 6 Page - STMicroelectronics

Part # STLV3243EB
Description  250 kbps minimum guaranteed data rate
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLV3243EB Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STLV3243EB Datasheet HTML 2Page - STMicroelectronics STLV3243EB Datasheet HTML 3Page - STMicroelectronics STLV3243EB Datasheet HTML 4Page - STMicroelectronics STLV3243EB Datasheet HTML 5Page - STMicroelectronics STLV3243EB Datasheet HTML 6Page - STMicroelectronics STLV3243EB Datasheet HTML 7Page - STMicroelectronics STLV3243EB Datasheet HTML 8Page - STMicroelectronics STLV3243EB Datasheet HTML 9Page - STMicroelectronics STLV3243EB Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Electrical characteristics
STLV3243EB
6/16
3
Electrical characteristics
Table 7.
Electrical characteristics
(C1 - C4 = 0.1 µF, VCC = 2.3 V to 5.5 V, TA = -40 to 85 °C, unless otherwise specified. Typical
values are referred to TA = 25 °C)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IASHDN
Supply current auto-
power-down
FORCEOFF = GND,FORCEON = VCC
All R_IN open or grounded
110
µA
ISUPPLY
Supply current
FORCEON = FORCEOFF = VCC
0.3
1
mA
ISHDN
Shutdown supply current
FORCEOFF = GND
1
10
µA
Table 8.
Logic input electrical characteristics
(C1 - C4 = 0.1 µF, VCC = 2.3 V to 5.5 V, TA = -40 to 85 °C, unless otherwise specified. Typical
values are referred to TA = 25 °C)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VTIL
Input logic threshold low
T-IN, FORCEON, FORCEOFF
VCC = 3.0 V
VCC = 2.3 V
0.8
0.5
V
V
VTIH
Input logic threshold high
T-IN, FORCEON, FORCEOFF
VCC = 3.0 V
VCC = 2.3 V
2
1.4
V
V
VTHYS
Transmitter input
hysteresis
0.4
V
IIL
Input leakage current
T-IN, FORCEON, FORCEOFF
± 0.01
± 1.0
µA
Table 9.
Receiver outputs electrical characteristics
(C1 - C4 = 0.1 µF, VCC = 2.3 V to 5.5 V, TA = -40 to 85 °C, unless otherwise specified. Typical
values are referred to TA = 25 °C)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IOL
Output leakage current
Receiver disabled
± 0.05
± 10
µA
VOL
Output voltage low
IOUT = 1.6 mA
0.4
V
VOH
Output voltage high
IOUT = -1 mA
VCC-0.6
VCC-0.1
V
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com