Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLV3243EB Datasheet(PDF) 8 Page - STMicroelectronics

Part # STLV3243EB
Description  250 kbps minimum guaranteed data rate
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLV3243EB Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STLV3243EB Datasheet HTML 4Page - STMicroelectronics STLV3243EB Datasheet HTML 5Page - STMicroelectronics STLV3243EB Datasheet HTML 6Page - STMicroelectronics STLV3243EB Datasheet HTML 7Page - STMicroelectronics STLV3243EB Datasheet HTML 8Page - STMicroelectronics STLV3243EB Datasheet HTML 9Page - STMicroelectronics STLV3243EB Datasheet HTML 10Page - STMicroelectronics STLV3243EB Datasheet HTML 11Page - STMicroelectronics STLV3243EB Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Electrical characteristics
STLV3243EB
8/16
Table 12.
Receiver electrical characteristics
(C1 - C4 = 0.1 µF, VCC = 2.3 V to 5.5 V, TA = -40 to 85 °C, unless otherwise specified. Typical
values are referred to TA = 25 °C)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VRIN
Receiver input voltage
operating range
-25
25
V
VRIL
RS-232 Input threshold
low
TA = 25 °C, VCC = 3.0 V
TA = 25 °C, VCC = 2.3 V
0.6
0.4
1.0
0.8
V
VRIH
RS-232 Input threshold
high
TA = 25 °C, VCC = 3.0 V
TA = 25 °C, VCC = 2.3 V
1.4
1.2
2.4
2.0
V
VRIHYS
Input hysteresis
0.5
V
RRIN
Input resistance
TA = 25 °C
3
5
7
k
Ω
Table 13.
Timing characteristics
(C1 - C4 = 0.1 µF, VCC = 2.3 V to 3 V, TA = -40 to 85 °C, unless otherwise specified.
Typical values are referred to TA = 25 °C)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
DR
Maximum data rate
RL = 3 kΩ, CL= 1000 pF one transmitter
switching
250
kbps
tPHL
tPLH
Receiver propagation
delay
RIN to ROUT, CL = 150 pF
0.15
µs
tT_SKEW
Transmitter skew
60
ns
tR_SKEW
Receiver skew
120
ns
SRT
Transition slew rate
TA = 25°C RL = 3k to 7kΩ, VCC = 3 V
measured from +3 V to -3 V or -3 V to +3 V
CL = 150 pF to 1000 pF
430
V/µs
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com