Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLV3243EB Datasheet(PDF) 4 Page - STMicroelectronics

Part # STLV3243EB
Description  250 kbps minimum guaranteed data rate
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLV3243EB Datasheet(HTML) 4 Page - STMicroelectronics

  STLV3243EB Datasheet HTML 1Page - STMicroelectronics STLV3243EB Datasheet HTML 2Page - STMicroelectronics STLV3243EB Datasheet HTML 3Page - STMicroelectronics STLV3243EB Datasheet HTML 4Page - STMicroelectronics STLV3243EB Datasheet HTML 5Page - STMicroelectronics STLV3243EB Datasheet HTML 6Page - STMicroelectronics STLV3243EB Datasheet HTML 7Page - STMicroelectronics STLV3243EB Datasheet HTML 8Page - STMicroelectronics STLV3243EB Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Pin configuration
STLV3243EB
4/16
E1
GND
Ground
E2
C1-
Negative terminal of voltage- charge pump capacitor
E3
FORCEOFF
Drive low to shut down transmitters and on-board power supply. This over-
rides all automatic circuitry and FORCEON
E4
INVALID
Output of the valid signal detector. Indicates if a valid RS-232 level is
present on receiver inputs logic "1"
E5
R2OUTB
Non-inverting complementary receiver output, always active for wake-up
E6
R2OUT
Second receiver output voltage
Table 2.
Pin description (continued)
Pin n°
Symbol
Name and function
Table 3.
Invalid truth table
RS-232 signal present at any receiver input
INVALID output
YES
H
NO
L
Table 4.
Output control truth table
FORCE
ON
FORCE
OFF
Valid receiver level
Operation status
TOUT
ROUT
R2OUTB
X
0
X
Shutdown (FORCEOFF)
HIGH Z
HIGH Z
ACTIVE
11
X
Normal operating
(FORCEON)
ACTIVE
ACTIVE
ACTIVE
0
1
YES
Normal operating
(Auto-power-down)
ACTIVE
ACTIVE
ACTIVE
01
NO
Shutdown
(Auto-power-down)
HIGH Z
ACTIVE
ACTIVE
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com