Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLV3243EB Datasheet(PDF) 1 Page - STMicroelectronics

Part # STLV3243EB
Description  250 kbps minimum guaranteed data rate
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLV3243EB Datasheet(HTML) 1 Page - STMicroelectronics

  STLV3243EB Datasheet HTML 1Page - STMicroelectronics STLV3243EB Datasheet HTML 2Page - STMicroelectronics STLV3243EB Datasheet HTML 3Page - STMicroelectronics STLV3243EB Datasheet HTML 4Page - STMicroelectronics STLV3243EB Datasheet HTML 5Page - STMicroelectronics STLV3243EB Datasheet HTML 6Page - STMicroelectronics STLV3243EB Datasheet HTML 7Page - STMicroelectronics STLV3243EB Datasheet HTML 8Page - STMicroelectronics STLV3243EB Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
January 2009
Rev 3
1/16
16
STLV3243EB
± 15 kV ESD protected 2.3 to 5.5 V, 400 kbps,
RS-232 transceiver with auto-power-down
Features
■ ESD protection for RS-232 I/O pins:
– ± 8 kV IEC 1000-4-2 contact discharge
– ± 15 kV human body model
■ 1 mA supply current achieved when in auto-
power-down
■ 250 kbps minimum guaranteed data rate
■ Guaranteed 6 V/ms slew rate range
■ Guaranteed mouse drive ability
■ 0.1 µF external capacitors
■ Meet EIA/TIA-562 specifications
■ Available in Flip-Chip28 package
Description
The STLV3243EB device consists of 3 drivers, 5
receivers and a dual charge-pump circuit. All
transmitter outputs and receiver inputs are
protected up to ±8 kV USING IEC 1000-4-2
contact discharge and ±15 kV using the human
body model. The receiver R2 is always active to
implement a wake-up feature for serial port. The
device is guaranteed to run at data rates of 250
kbps while maintaining RS-562 output levels.
The auto-power-down feature operates when
FORCEON is low and FORCEOFF is high. During
this operation mode, if the device does not sense
a valid RS-562 signal, the driver outputs are
disabled. If FORCEOFF is set low, both drivers
and receivers (expert R2B) are shut off, and
supply current is reduced to 1 µA. Disconnecting
the serial port or turning off the peripheral drives
causes the auto-power-down condition to occur.
Auto-power-down can be disabled when
FORCEON and FORCEOFF are high, and this
should be done when driving a serial mouse. With
auto-power-down enabled, the device is
automatically activated when a valid signal is
applied to any receiver input.
Typical applications are notebooks, PDAs, smart-
phones, hand-held equipment, palmtop
computers, peripherals, battery-powered
equipment, and printers.
Flip-Chip28
Table 1.
Device summary
Order code
Temperature range
Package
Packaging
STLV3243EBJR
- 40 to 85 °C
Flip-Chip28 (6x5 mm)
2500 parts per reel
www.st.com
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - STLV3243EB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLV3243EBJR STMICROELECTRONICS-STLV3243EBJR Datasheet
480Kb / 13P
짹15KV ESD PROTECTED 2.3 TO 5.5V, 400KBPS, RS-232 TRANSCEIVER WITH AUTO-POWERDOWN
02-May-2005
More results

Similar Description - STLV3243EB

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP2W0001YP SHARP-GP2W0001YP Datasheet
102Kb / 15P
IrDA Data Sheet 115 kbps Transceiver
logo
Level One
SK70704 LVL1-SK70704 Datasheet
3Mb / 40P
1168 kbps HDSL Data Pump Chip Set
logo
Agilent(Hewlett-Packard...
HSDL-3000 HP-HSDL-3000 Datasheet
367Kb / 16P
IrDA Data Compliant 115.2 kbps Infrared Transceiver
logo
Analog Devices
ADXRS612 AD-ADXRS612_15 Datasheet
1Mb / 12P
250/sec Yaw Rate Gyro
REV. 0
logo
Agilent(Hewlett-Packard...
HSDL3000 HP-HSDL3000 Datasheet
259Kb / 17P
Data Compliant 115.2 kbps Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3000-007 LITEON-HSDL-3000-007 Datasheet
232Kb / 14P
IrDA짰 Data Compliant 115.2 kbps Infrared Transceiver
logo
STMicroelectronics
ST3232EB STMICROELECTRONICS-ST3232EB Datasheet
810Kb / 19P
250 kbps minimum guaranteed data rate
08-Feb-2008
ST3243EB STMICROELECTRONICS-ST3243EB Datasheet
633Kb / 16P
Guaranteed 6 V/ms slew rate range
16-Oct-2009
ST4485EB STMICROELECTRONICS-ST4485EB Datasheet
392Kb / 18P
Guaranteed 20 Mbps data rate
September 2013 Rev 2
logo
Maxim Integrated Produc...
MAX13035EEVKIT MAXIM-MAX13035EEVKIT Datasheet
389Kb / 7P
100Mbps Guaranteed Data Rates
Rev 2; 12/20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com