Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLV3243EB Datasheet(PDF) 3 Page - STMicroelectronics

Part # STLV3243EB
Description  250 kbps minimum guaranteed data rate
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLV3243EB Datasheet(HTML) 3 Page - STMicroelectronics

  STLV3243EB Datasheet HTML 1Page - STMicroelectronics STLV3243EB Datasheet HTML 2Page - STMicroelectronics STLV3243EB Datasheet HTML 3Page - STMicroelectronics STLV3243EB Datasheet HTML 4Page - STMicroelectronics STLV3243EB Datasheet HTML 5Page - STMicroelectronics STLV3243EB Datasheet HTML 6Page - STMicroelectronics STLV3243EB Datasheet HTML 7Page - STMicroelectronics STLV3243EB Datasheet HTML 8Page - STMicroelectronics STLV3243EB Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
STLV3243EB
Pin configuration
3/16
1
Pin configuration
Figure 1.
Pin configuration (bottom view, bumps side)
Table 2.
Pin description
Pin n°
Symbol
Name and function
A1
R2IN
Second receiver input voltage
A2
R3IN
Third receiver input voltage
A3
R4IN
Fourth receiver input voltage
A4
R5IN
Fifth receiver input voltage
A5
T1OUT
First transmitter output voltage
A6
T2OUT
Second transmitter output voltage
B1
V-
-5.5 V generated by the charge pump
B2
R1IN
First receiver input voltage
B3
T3OUT
Third transmitter output voltage
B4
T3IN
Third transmitter input voltage
B5
T1IN
First transmitter input voltage
B6
T2IN
Second transmitter input voltage
C1
C2+
Positive terminal of inverting charge pump capacitor
C2
C2-
Negative terminal of inverting charge pump capacitor
C5
R4OUT
Fourth receiver output voltage
C6
R5OUT
Fifth receiver output voltage
D1
C1+
Positive terminal of voltage- charge pump capacitor
D2
V+
5.5 V generated by the charge pump
D3
VCC
Supply voltage
D4
FORCEON
Drive high to override automatic circuitry keeping transmitters on
(FORCEOFF must be high)
D5
R1OUT
First receiver output voltage
D6
R3OUT
Third receiver output voltage
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com