Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STOD13CMTPUR Datasheet(PDF) 6 Page - STMicroelectronics

Part # STOD13CMTPUR
Description  250 mA dual DC-DC converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STOD13CMTPUR Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STOD13CMTPUR Datasheet HTML 2Page - STMicroelectronics STOD13CMTPUR Datasheet HTML 3Page - STMicroelectronics STOD13CMTPUR Datasheet HTML 4Page - STMicroelectronics STOD13CMTPUR Datasheet HTML 5Page - STMicroelectronics STOD13CMTPUR Datasheet HTML 6Page - STMicroelectronics STOD13CMTPUR Datasheet HTML 7Page - STMicroelectronics STOD13CMTPUR Datasheet HTML 8Page - STMicroelectronics STOD13CMTPUR Datasheet HTML 9Page - STMicroelectronics STOD13CMTPUR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
Pin configuration
STOD13CM
6/25
024087 Rev 1
2
Pin configuration
Figure 3.
Pin configuration (top view)
Table 3.
Pin description
Pin name
Pin n°
Description
Lx1
1
Boost converter switching node
PGND
2
Power ground pin
VMID
3
Boost converter output voltage
FBP
4
Step-up converter output voltage sense input. When connected to VMID
at AMOLED panel enables external feedback, when connected to AGND
enables internal feedback
AGND
5
Signal ground pin. This pin must be connected to the power ground layer
VREF
6
Voltage reference output. 1 µF bypass capacitor must be connected
between this pin and AGND
SWIRE
7
Negative voltage setting pin
EN
8
Enable control pin. High = converter on; Low = converter in shutdown
mode
VO2
9
Inverting converter output voltage
Lx2
10
Inverting converter switching node
VIN A
11
Analogic input supply voltage
VIN P
12
Power input supply voltage
Exposed
pad
Internally connected to AGND. Exposed pad must be connected to
ground layers in the PCB layout in order to guarantee proper operation of
the device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com