Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STOD13CMTPUR Datasheet(PDF) 16 Page - STMicroelectronics

Part # STOD13CMTPUR
Description  250 mA dual DC-DC converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STOD13CMTPUR Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STOD13CMTPUR Datasheet HTML 12Page - STMicroelectronics STOD13CMTPUR Datasheet HTML 13Page - STMicroelectronics STOD13CMTPUR Datasheet HTML 14Page - STMicroelectronics STOD13CMTPUR Datasheet HTML 15Page - STMicroelectronics STOD13CMTPUR Datasheet HTML 16Page - STMicroelectronics STOD13CMTPUR Datasheet HTML 17Page - STMicroelectronics STOD13CMTPUR Datasheet HTML 18Page - STMicroelectronics STOD13CMTPUR Datasheet HTML 19Page - STMicroelectronics STOD13CMTPUR Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
Detailed description
STOD13CM
16/25
024087 Rev 1
7.3
Enable pin
The device operates when the EN pin is set high. If the EN pin is set low the device stops
switching, and all internal blocks are turned off. In this condition the current drawn from
VINP/VINA is below 1 µA in the whole temperature range. In addition, the internal switches
are in an off state, so the load is electrically disconnected from the input; this avoids
unwanted current leakage from the input to the load.
7.4
Enable, SWIRE
7.5
FBP pin
Two kinds of feedback control loop are implemented in this device to control positive output
voltage VMID. When the FBP pin is connected to AMOLED panel VMID node, external
feedback is used. Thus the control loop regulates positive output voltage VMID based on
FBP. When the pin is connected to AGND, internal feedback is used instead. Thus positive
output voltage VMID is regulated directly. The FBP pin cannot be left floating.
In order to protect the application from FBP track accidental disconnection, it is
recommended to use 1 M
Ω pull-down to AGND on FBP pin.
Proper PCB layout of the FBP track is mandatory; the principle of Kelvin sensing should be
applied as a routing technique. It is suggested to follow Recommended PCB Layout chapter.
7.6
Soft-start and inrush current limiting
After the EN pin is pulled high, or after a suitable voltage is applied to VINP, VINA and EN, the
device initiates the startup phase. As a first step, the CMID capacitor is charged, and the
P1B switch implements a current limiting technique in order to keep the charge current
below 400 mA. This avoids battery overloading during startup. After VMID reaches the VINP
voltage level, the P1B switch is fully turned on and the soft-start procedure for the step-up is
Table 7.
EN and SWIRE operation table
(1)
1.
The enable pin must be set to AGND when using the SWIRE function.
EN
SWIRE
Action
Low
Low
Device off
Low
High
Negative Output voltage set by SWIRE
High
Low
Default Negative Output voltage
High
High
Default Negative Output voltage
Table 8.
FBP operation table
FBP
Action
AGND
Internal feedback enabled
VMID at panel
External feedback enabled
Floating
Not allowed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com