Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STOD13CMTPUR Datasheet(PDF) 17 Page - STMicroelectronics

Part # STOD13CMTPUR
Description  250 mA dual DC-DC converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STOD13CMTPUR Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STOD13CMTPUR Datasheet HTML 13Page - STMicroelectronics STOD13CMTPUR Datasheet HTML 14Page - STMicroelectronics STOD13CMTPUR Datasheet HTML 15Page - STMicroelectronics STOD13CMTPUR Datasheet HTML 16Page - STMicroelectronics STOD13CMTPUR Datasheet HTML 17Page - STMicroelectronics STOD13CMTPUR Datasheet HTML 18Page - STMicroelectronics STOD13CMTPUR Datasheet HTML 19Page - STMicroelectronics STOD13CMTPUR Datasheet HTML 20Page - STMicroelectronics STOD13CMTPUR Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
STOD13CM
Detailed description
024087 Rev 1
17/25
initiated. After around 2 ms the soft-start for the inverting is started. The positive and
negative voltage will be under regulation around 13 ms after EN pin is asserted high.
7.7
Undervoltage lockout
The undervoltage lockout function prevents improper operation of the STOD13CM when the
input voltage is not high enough. When the input voltage is below the UVLO threshold, the
device is in shutdown mode. The hysteresis of 50 mV prevents unstable operation when the
input voltage is close to the UVLO threshold.
7.8
Overtemperature protection
An internal temperature sensor continuously monitors the IC junction temperature. If the IC
temperature exceeds 140 °C (typ) the device stops operating. As soon the temperature falls
below 125 °C (typ) normal operation is restored.
7.9
Short-circuit protection during soft-start (SSD)
During device soft-start on positive output, an internal comparator checks if the panel is
damaged. In this case, soft-start is stopped and the device is parked in power-off. To restore
to normal functionality (assuming that the anomalous load condition has been removed), it
is necessary to restart the converter through an enable transient.
In the opposite case (panel not damaged), during soft-start, after positive output startup, a
negative output soft-start will follow until normal output functionality and voltages are
reached.
7.10
Overload protection (OLP)
Output current is internally limited. An overload condition, such as a short-circuit, between
the two outputs or between each output and GND induces the device to power off. To
restore to normal functionality (assuming that the short condition has been removed), it is
necessary to restart the converter through an enable transient.
7.11
Short-circuit protection (SCP)
When a short-circuit occurs, the device detects the voltage difference between VIN and
VOUT. Overshoots are limited by decreasing the inductor current. After this, the output
stages of the device are turned off. This status is maintained, preventing current flowing to
the load. A new enable transition is needed to restart the device. During startup, the short-
circuit protection is active.
7.12
Fast discharge
When ENABLE turns from high to low level, the device goes into shutdown mode; LX1 and
LX2 will stop switching. A resistor of about 400 Ω is connected between VMID and VO2 to
quickly discharge the CMID and CO2 capacitors, lowering the differential output voltage
(VMID-VO2) below 10% of nominal value in about 10 ms. When the output voltages are
discharged to 0 V, the switches turn off and the outputs will be high impedance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com