Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STOD13CMTPUR Datasheet(PDF) 11 Page - STMicroelectronics

Part # STOD13CMTPUR
Description  250 mA dual DC-DC converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STOD13CMTPUR Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STOD13CMTPUR Datasheet HTML 7Page - STMicroelectronics STOD13CMTPUR Datasheet HTML 8Page - STMicroelectronics STOD13CMTPUR Datasheet HTML 9Page - STMicroelectronics STOD13CMTPUR Datasheet HTML 10Page - STMicroelectronics STOD13CMTPUR Datasheet HTML 11Page - STMicroelectronics STOD13CMTPUR Datasheet HTML 12Page - STMicroelectronics STOD13CMTPUR Datasheet HTML 13Page - STMicroelectronics STOD13CMTPUR Datasheet HTML 14Page - STMicroelectronics STOD13CMTPUR Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
STOD13CM
Typical performance characteristics
024087 Rev 1
11/25
5
Typical performance characteristics
VINA = VINP = 3.7 V, VO2 = -4.0 V, TJ = 25 °C; See Table 1 for external components used in
the tests below.
Figure 4.
Maximum power output vs. input
voltage
Figure 5.
Efficiency VMID-VO2 @ COILCRAFT
LPS4012
Figure 6.
Fast discharge no load,
EN=SW=FD=Low
Figure 7.
Efficiency VMID-VO2 @ VO2 = - 1.4 V,
COILCRAFT LPS4012
2.5
3.0
3.5
4.0
4.5
5.0
2.5
2.7
2.9
3.1
3.33.5
3.7
3.9
4.1
4.3
4.5
V_IN [V]
VO2 = - 4.0 V
- 4.0 V
65.0
67.5
70.0
72.5
75.0
77.5
80.0
82.5
85.0
87.5
90.0
92.5
95.0
0.000
0.050
0.100
0.150
0.200
0.250
Differential Load [A]
2.9 V
3.4 V
3.7 V
4.2 V
4.5 V
65.0
67.5
70.0
72.5
75.0
77.5
80.0
82.5
85.0
87.5
90.0
92.5
95.0
0.000
0.050
0.100
0.150
0.200
0.250
Differential Load [A]
2.9 V
3.4 V
3.7 V
4.2 V
4.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com