Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STOD13CMTPUR Datasheet(PDF) 15 Page - STMicroelectronics

Part # STOD13CMTPUR
Description  250 mA dual DC-DC converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STOD13CMTPUR Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STOD13CMTPUR Datasheet HTML 11Page - STMicroelectronics STOD13CMTPUR Datasheet HTML 12Page - STMicroelectronics STOD13CMTPUR Datasheet HTML 13Page - STMicroelectronics STOD13CMTPUR Datasheet HTML 14Page - STMicroelectronics STOD13CMTPUR Datasheet HTML 15Page - STMicroelectronics STOD13CMTPUR Datasheet HTML 16Page - STMicroelectronics STOD13CMTPUR Datasheet HTML 17Page - STMicroelectronics STOD13CMTPUR Datasheet HTML 18Page - STMicroelectronics STOD13CMTPUR Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
STOD13CM
Detailed description
024087 Rev 1
15/25
7
Detailed description
7.1
Overview
The STOD13CM is a high efficiency dual DC-DC converter which integrates a step-up and
inverting power stage suitable to supply AMOLED panels. Thanks to a high level of
integration, it requires only 6 external components to operate and it achieves very high
efficiency using synchronous rectification technique for both the two DC-DC converters.
The controller uses an average current mode technique to obtain good stability and precise
voltage regulation in all possible conditions of input voltage, output voltage and output
current. In addition, the peak inductor current is monitored in order to avoid saturation of the
coils.
The STOD13CM implements a power saving technique to maintain high efficiency at very
light load and it switches to PWM operation as the load increases in order to guarantee the
best dynamic performance and low noise operation.
The STOD13CM avoids battery leakage thanks to the true-shutdown feature and its
overtemperature self-protection. Undervoltage lockout and soft-start guarantee proper
operation during startup.
7.2
Multiple modes of operation
Both the step-up and the inverting stages of the STOD13CM operate in three different
modes: Pulse Skipping (PSM), Discontinuous Conduction Mode (DCM) and Continuous
Conduction Mode (CCM). It switches automatically among the three modes based on input
voltage, output current and output voltage conditions.
Pulse skipping operation
The STOD13CM works in pulse skipping mode when the load current is below a few mA.
The load current level at which this mode of operation occurs depends on input voltage only
for the step-up converter and on input voltage and negative output voltage (VO2) for the
inverting converter.
Discontinuous conduction mode
When the load increases above a few tens of milliamperes, the STOD13CM enters DCM
operation. In order to obtain this mode of operation the controller must avoid the inductor
current going negative. The Discontinuous Mode Detector (DMD) blocks sense the voltage
across the synchronous rectifiers (P1B for the step-up and N2 for the inverting) and turn off
the switches when the voltage crosses a defined threshold which, in turn, represent a
certain current in the inductor. This current can vary according to the slope of the inductor
current which depends on input voltage, inductance value and output voltage.
Continuous conduction mode
At medium/high output loads the STOD13CM enters full CCM at constant switching
frequency mode for both of the two DC-DC converters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com