Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMS2L-PUR Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPMS2L-PUR
Description  Programmable chopper-stabilized low noise and low offset amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMS2L-PUR Datasheet(HTML) 1 Page - STMicroelectronics

  STPMS2L-PUR Datasheet HTML 1Page - STMicroelectronics STPMS2L-PUR Datasheet HTML 2Page - STMicroelectronics STPMS2L-PUR Datasheet HTML 3Page - STMicroelectronics STPMS2L-PUR Datasheet HTML 4Page - STMicroelectronics STPMS2L-PUR Datasheet HTML 5Page - STMicroelectronics STPMS2L-PUR Datasheet HTML 6Page - STMicroelectronics STPMS2L-PUR Datasheet HTML 7Page - STMicroelectronics STPMS2L-PUR Datasheet HTML 8Page - STMicroelectronics STPMS2L-PUR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
March 2016
DocID16525 Rev 5
1/36
This is information on a product in full production.
www.st.com
STPMS2
Smart sensor II dual-channel 1-bit, 4 MHz, second-order sigma-
delta modulator with embedded PGLNA
Datasheet - production data
Features
VCC supply range 3.2 V to 5.5 V
Two second-order sigma-
delta (ΣΔ)
modulators
Programmable chopper-stabilized low noise
and low offset amplifier
Supports 50-60 Hz, EN 50470-1, EN 50470-
3, IEC 62053-21, IEC 62053-22 and IEC
62053- 23 standard specs for class 1, class
0.5 and class 0.2 AC watt meters
STPMS2L-PUR: less than 0.5% error over
1:5000 range
Precision voltage reference: 1.23 V with
programmable TC
Internal low drop regulator @ 3 V (typ.)
Applications
Power metering
Motor control
Industrial process control
Weight scales
Pressure transducers
Description
The STPMS2 also called “smart sensor” device,
is an ASSP designed for effective measurement
in power line systems utilizing the Rogowski coil,
current transformer and Hall or shunt sensors.
This device is designed as a building block for
single-phase or multi-phase energy meters along
with the STPMC1 device, a digital signal
processor designed for energy measurement.
This device can be used in medium and high
resolution measurement applications where
single or double inputs must be monitored at the
same time. The STPMS2 is a mixed signal IC
consisting of an analog and digital section. The
analog section consists of a programmable gain,
low noise chopper amplifier, two second-
order ΔΣ
modulator blocks, a bandgap voltage reference, a
low drop voltage regulator and DC buffers, while
the digital section consists of a clock generator
and output multiplexer.
Table 1: Device summary
Oder code
Package
Packing
STPMS2L-PUR
QFN16 (4x4 mm)
4500
pieces per
reel


Similar Part No. - STPMS2L-PUR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPMS2L-PUR STMICROELECTRONICS-STPMS2L-PUR Datasheet
2Mb / 33P
Smart sensor II dual-channel 1-bit, 4 MHz, second-order sigma-delta modulator with embedded PGLNA
11-Oct-2011
More results

Similar Description - STPMS2L-PUR

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC7652 TELCOM-TC7652 Datasheet
90Kb / 6P
LOW NOISE, CHOPPER-STABILIZED OPERATIONAL AMPLIFIER
logo
Texas Instruments
TLC2654 TI-TLC2654 Datasheet
427Kb / 30P
Advanced LinCMOSE LOW-NOISE CHOPPER-STABILIZED OPERATIONAL AMPLIFIERS
logo
Maxim Integrated Produc...
ICL7652 MAXIM-ICL7652 Datasheet
428Kb / 11P
Chopper Stabilized Operatlonal Amplifier
19-3031; Rev 0; 1988
logo
Microchip Technology
TC7652 MICROCHIP-TC7652 Datasheet
456Kb / 16P
Low Noise, Chopper Stabilized Operational Amplifier
2002
logo
Intronics Power, Inc.
233 INTRONICS-233 Datasheet
99Kb / 1P
CHOPPER STABILIZED AMPLIFIER
logo
Microchip Technology
TC7650 MICROCHIP-TC7650_13 Datasheet
209Kb / 14P
Chopper Stabilized Operational Amplifier
11/29/12
TC7652 MICROCHIP-TC7652_13 Datasheet
226Kb / 18P
Low Noise, Chopper Stabilized Operational Amplifier
11/29/12
logo
Texas Instruments
SM73308 TI-SM73308_15 Datasheet
1Mb / 26P
Low Offset, Low Noise, RRO Operational Amplifier
TLC2654 TI1-TLC2654_16 Datasheet
1Mb / 36P
Advanced LinCMOS LOW-NOISE CHOPPER-STABILIZED OPERATIONAL AMPLIFIERS
logo
Analog Devices
OP227 AD-OP227_17 Datasheet
557Kb / 6P
Dual, Low-Offset Low Noise Operational Amplifier
18-Jul-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com