Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMS2L-PUR Datasheet(PDF) 20 Page - STMicroelectronics

Part # STPMS2L-PUR
Description  Programmable chopper-stabilized low noise and low offset amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMS2L-PUR Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STPMS2L-PUR Datasheet HTML 16Page - STMicroelectronics STPMS2L-PUR Datasheet HTML 17Page - STMicroelectronics STPMS2L-PUR Datasheet HTML 18Page - STMicroelectronics STPMS2L-PUR Datasheet HTML 19Page - STMicroelectronics STPMS2L-PUR Datasheet HTML 20Page - STMicroelectronics STPMS2L-PUR Datasheet HTML 21Page - STMicroelectronics STPMS2L-PUR Datasheet HTML 22Page - STMicroelectronics STPMS2L-PUR Datasheet HTML 23Page - STMicroelectronics STPMS2L-PUR Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
Theory of operation
STPMS2
20/36
DocID16525 Rev 5
Figure 16: Power supply external connection scheme
The analog part of the STPMS2 consists of:
Preamplifier in the current channel
1.23 V reference voltage generator
+3 V low drop supply voltage regulator
Two sigma-delta 2nd order modulators
BIST DAC
AGND and VREF reference buffers
Bias current generators
The voltage channel has a preamplification gain of 2, which defines the maximum
differential voltage on voltage channel inputs to ± 300 mV. The relative gain of the current
channel is selectable among 2, 4, 8 or 16, which defines the maximum differential voltage
on the current channel to ± 300 mV, ± 150 mV, ± 75 mV or ± 37.5 mV, respectively. The full
range of gains is available in soft mode only, while in hard mode 2 and 16 are the only
selectable. The temperature-compensated reference voltage generator produces VREF =
1.23 V. This generator is implemented as a bandgap generator, whose temperature
compensation curve can be selected through configuration. The low drop regulator fixes
and stabilizes the core supply voltage to VDDa = 3 V. All digital pads tolerate 5 V logic
levels. The STPMS2 is clocked by an external clock signal connected to pin CLK. The
STPMS2 sigma-delta modulators work in several operating modes, shown in Table 7:
"Operating modes" below.
Table 7: Operating modes
Operating mode
fCLK
Current consumption
LP (low power)
LPR (low precision)
1 MHZ
1.2 mA typ.
HP (fast)
HPR (high precision)
2 MHz
– 4 MHz
4 mA typ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com