Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMS2L-PUR Datasheet(PDF) 14 Page - STMicroelectronics

Part # STPMS2L-PUR
Description  Programmable chopper-stabilized low noise and low offset amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMS2L-PUR Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STPMS2L-PUR Datasheet HTML 10Page - STMicroelectronics STPMS2L-PUR Datasheet HTML 11Page - STMicroelectronics STPMS2L-PUR Datasheet HTML 12Page - STMicroelectronics STPMS2L-PUR Datasheet HTML 13Page - STMicroelectronics STPMS2L-PUR Datasheet HTML 14Page - STMicroelectronics STPMS2L-PUR Datasheet HTML 15Page - STMicroelectronics STPMS2L-PUR Datasheet HTML 16Page - STMicroelectronics STPMS2L-PUR Datasheet HTML 17Page - STMicroelectronics STPMS2L-PUR Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
Applications
STPMS2
14/36
DocID16525 Rev 5
Table 6: Recommended external components in metering applications
Function
Component
Description
Value
Tolerance
Unit
Calculator
STPMC1
Line voltage
interface
Resistor divider
R-to-R ratio VRMS = 230 V
1:1650
±1%
50
ppm/°C
V/V
R-to-R ratio VRMS = 110 V
1:830
Line current
interface
Rogowski coil
Current-to-voltage ratio kS
0.15
±5%
50
ppm/°C
mV/A
CT
1.7
Shunt
0.43
Above listed components refer to a typical metering application. The STPMS2
operation is not limited to the choice of these external components.
Figure 5: Simplified application schematics for the STPMC1 energy metering-based



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com