Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMS2L-PUR Datasheet(PDF) 19 Page - STMicroelectronics

Part # STPMS2L-PUR
Description  Programmable chopper-stabilized low noise and low offset amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMS2L-PUR Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STPMS2L-PUR Datasheet HTML 15Page - STMicroelectronics STPMS2L-PUR Datasheet HTML 16Page - STMicroelectronics STPMS2L-PUR Datasheet HTML 17Page - STMicroelectronics STPMS2L-PUR Datasheet HTML 18Page - STMicroelectronics STPMS2L-PUR Datasheet HTML 19Page - STMicroelectronics STPMS2L-PUR Datasheet HTML 20Page - STMicroelectronics STPMS2L-PUR Datasheet HTML 21Page - STMicroelectronics STPMS2L-PUR Datasheet HTML 22Page - STMicroelectronics STPMS2L-PUR Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
STPMS2
Theory of operation
DocID16525 Rev 5
19/36
9
Theory of operation
9.1
General operation description
The STPMS2 performs the second-order analog modulation of two channels in parallel,
with appropriate non-overlapping control signal generator, of signals with frequencies
varying from DC to 4 kHz on two independent channels in parallel. The outputs of the
converters provide two digital streams of ones and zeroes, which can be then multiplexed
to reduce the number of external connections. The STPMS2 converts analog signals on
two independent channels in parallel via delta-
sigma (ΣΔ) analog-to-digital converters into
a binary stream of sigma-delta signals. The device is particularly suitable to measure
electrical line parameters (voltage and current) via analog signals from voltage sensors
(current divider) and current sensors (inductive Rogowski coil, current transformer or shunt
resistors). There is a current channel for line current and a voltage channel for line voltage.
The current channel input is connected through an external anti-aliasing RC filter to a
Rogowski coil, current transformer (CT) or shunt current sensor which converts line current
into an appropriate voltage signal. The current channel includes a low-noise voltage
preamplifier with programmable gain. The voltage channel is connected directly through a
resistor voltage divider and anti-aliasing filter to a line voltage modulator (ADC). Both
channels have quiescent zero signal point at GND, so the STPMS2 is able to sample
differential signals on both channels with their zero point around
GND. The converted ΣΔ
signals are multiplexed so to reduce the number of external connections. The conversion
and the multiplex are driven by external clock signal CLK. The device is used with a digital
signal processing circuit to implement a measuring system of a multi-phase power meter.
The STPMS2 also includes a temperature compensated bandgap reference voltage
generator, low drop supply voltage regulator and minimal digital circuitry that includes BIST
(built-in self-test) structures. In a current signal processing channel, a low-noise
preamplifier is included upstream of the sigma-delta converter. All reference voltages are
designed to eliminate channel crosstalk. The STPMS2 can operate in fast (HP) or low-
power (LP) mode (see also Table 7). In fast mode, a nominal clock frequency of 4.1 or 4.9
MHz is applied to the clock input. In this mode, signal bandwidth is specified between 0 and
4 kHz. In low-power mode, the nominal clock is four times slower (1 MHz) to lower the
power consumption of the circuit. In low-power mode, the quiescent bias currents of the
preamplifier and sigma-delta integrators are reduced and the signal bandwidth is narrowed
to the frequency bandwidth from 0 to 1 kHz. The mode of operation and configuration of the
device can be selected by wiring configuration pins (MS0, MS1, MS2 and MS3) to VCC,
GND, CLK or NCLK signal. This approach can be used to change the settings of a current
channel, sigma-delta stream output mode and temperature compensation curve of an
internal bandgap reference. These pins can act as a serial port to change the configuration
of the device.
9.2
Functional description of the analog part
The supply pins for the analog part are VCC, VDDa, VDDac, VDDav, VBG and GND. The
GND pin also represents a reference point. The VDDa is an analog I/O pin of the internal
+3.0 V low drop voltage regulator and the VDDac and VDDav are the modulator supply
in
puts. A capacitor of 1 μF should be connected between VDDxx and GND. The input of
the regulator is VCC, which also powers the bandgap and bias generators. The bandgap
output pin is VBG, which should be connected to GND via a capacitor of 100 nF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com