Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMS2L-PUR Datasheet(PDF) 26 Page - STMicroelectronics

Part # STPMS2L-PUR
Description  Programmable chopper-stabilized low noise and low offset amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMS2L-PUR Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STPMS2L-PUR Datasheet HTML 22Page - STMicroelectronics STPMS2L-PUR Datasheet HTML 23Page - STMicroelectronics STPMS2L-PUR Datasheet HTML 24Page - STMicroelectronics STPMS2L-PUR Datasheet HTML 25Page - STMicroelectronics STPMS2L-PUR Datasheet HTML 26Page - STMicroelectronics STPMS2L-PUR Datasheet HTML 27Page - STMicroelectronics STPMS2L-PUR Datasheet HTML 28Page - STMicroelectronics STPMS2L-PUR Datasheet HTML 29Page - STMicroelectronics STPMS2L-PUR Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
Theory of operation
STPMS2
26/36
DocID16525 Rev 5
Table 12: Pins for SPI communication
Pin
Function
Description
MS0
SCL
Clock input
MS1
TDI
Data input
MS2
TDS
Enable
MS3
CLK
SPI operation
Table 13: Description of output signals and configuration bits CFG[39:0]
Hard
mode
Soft
mode
Internal
signal
Description
MS0
CFG[0]
LP/HP
Operating mode:
LP/HP=0: LPR
LP/HP=1: HPR
MS0
CFG[1]
GAIN
Gain selector of current channel preamplifier:
GAIN=0: x2
GAIN=1: x4
GAIN=2: x8
GAIN=3: x16
MS0
CFG[2]
MS1
CFG[3]
TC
Temperature compensation of voltage reference:
TC=0: 50 ppm/°C
TC=1: -140 ppm/°C
TC=2: 130 ppm/°C
TC=3: -40 ppm/°C
MS1
CFG[4]
MS2
CFG[5]
DOMUL
Output multiplexer enable: DOMUL=0: outputs not
multiplexed DOMUL=1: outputs multiplexed
MS2
CFG[6]
PDV
Power-down of voltage modulator: PDV=0: voltage modulator
on PDV=1: voltage modulator off
MS3
CFG[7]
EBISTC
Current modulator BIST DAC enable:
EBISTC=0: BISTC disabled
EBISTC=1: BISTC enabled
Please see Table 14: "EBISTC" for details
MS3
CFG[8]
EBISTV
Voltage modulator BIST DAC enable:
EBISTC=0: BISTV disabled
EBISTC=1: BISTV enabled
Please, see Table 15: "EBISTV" for details
MS3
CFG[9]
EINCHPC
CIP, CIN input pin enable: EINCHPC=0: CIN CIP disabled
EINCHPC=1: CIN CIP enabled
MS3
CFG[10]
EINCHPV
VIP, VIN input pin enable: EINCHPC=0: VIN VIP disabled
EINCHPC=1: VIN VIP enabled
1
CFG[11]
ECHPLFC
Low frequency chopper of current modulator enable:
ECHPLFC=0: LFC disabled ECHPLFC=1: LFC enabled
1
CFG[12]
MC
LFC of current channel frequency selector. Please see Table
16: "MC[2:0]" for details
0
CFG[13]
0
CFG[14]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com