Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DPIULC6 Datasheet(PDF) 2 Page - STMicroelectronics

Part # DPIULC6
Description  ESD protection for internal DisplayPort?
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DPIULC6 Datasheet(HTML) 2 Page - STMicroelectronics

  DPIULC6 Datasheet HTML 1Page - STMicroelectronics DPIULC6 Datasheet HTML 2Page - STMicroelectronics DPIULC6 Datasheet HTML 3Page - STMicroelectronics DPIULC6 Datasheet HTML 4Page - STMicroelectronics DPIULC6 Datasheet HTML 5Page - STMicroelectronics DPIULC6 Datasheet HTML 6Page - STMicroelectronics DPIULC6 Datasheet HTML 7Page - STMicroelectronics DPIULC6 Datasheet HTML 8Page - STMicroelectronics DPIULC6 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Characteristics
DPIULC6
2/9
Doc ID 16831 Rev 2
1
Characteristics
Table 1.
Absolute maximum ratings (Tamb = 25 °C)
Symbol
Parameter
Value
Unit
Tstg
Storage temperature range
-55 to +150
° C
Tj
Operating junction temperature range
-40 to +125
° C
TL
Maximum lead temperature for soldering during 10 s
260
° C
Table 2.
Electrical characteristics: high speed differential pairs (Tamb = 25 °C)
Symbol
Parameter
Test conditions
Value
Unit
Min. Typ. Max.
IRM
Leakage current
V = 3.0 V
-
-
100
nA
VBR
Breakdown voltage
TA = 25 °C, IR = 1 mA
6
-
-
V
VCL
Clamping voltage (Any I/O pin to
ground)
tp = 8/20 µs
IPP = 1 A
-
-
12
V
IPP = 5 A
-
-
17
CI/O -GND
Capacitance between I/O and
ground
VR = 0 V, F=1 MHz
-
-
1.5
pF
VR = 0 V, F = 1.4 GHz
-
-
1.5
ΔCI/O -GND
Capacitance variation between 2
lines of the same pair
VR = 0 V, F = 1.4 GHz
-
0.05
0.12
pF
ZDiff
Differential impedance between
input and output
tr(20%-80%)=130 ps
90
100
110
Ω
Table 3.
Electrical characteristics: auxiliary link (Tamb = 25 °C)
Symbol
Parameters
Test conditions
Value
Unit
Min.
Typ. Max.
IRM
Leakage current
V = 3.0 V
-
-
100
nA
VBR
Breakdown voltage between
VBUS and ground
TA = 25 °C, IR = 1 mA
6
-
-
V
VCL
Clamping voltage
tp = 8/20 µs
IPP = 1 A
-
-
12
V
IPP = 5 A
-
-
17
Ci/o-GND
Capacitance between I/O and
ground
VR=0 V, F=1 MHz
-
42
50
pF
Fc
Cut-off frequency
-7.0
-
MHz



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com