Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DPIULC6 Datasheet(PDF) 4 Page - STMicroelectronics

Part # DPIULC6
Description  ESD protection for internal DisplayPort?
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DPIULC6 Datasheet(HTML) 4 Page - STMicroelectronics

  DPIULC6 Datasheet HTML 1Page - STMicroelectronics DPIULC6 Datasheet HTML 2Page - STMicroelectronics DPIULC6 Datasheet HTML 3Page - STMicroelectronics DPIULC6 Datasheet HTML 4Page - STMicroelectronics DPIULC6 Datasheet HTML 5Page - STMicroelectronics DPIULC6 Datasheet HTML 6Page - STMicroelectronics DPIULC6 Datasheet HTML 7Page - STMicroelectronics DPIULC6 Datasheet HTML 8Page - STMicroelectronics DPIULC6 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Application information
DPIULC6
4/9
Doc ID 16831 Rev 2
2
Application information
Figure 9.
DisplayPort internal schematic on source side
Figure 7.
ESD response to IEC 61000-4-2
(+8 kV contact discharge)
Figure 8.
ESD response to IEC 61000-4-2
(+8 kV contact discharge)
VCL
50 V/Div
20 ns/Div
50 V/Div
VCL
20 ns/Div
30
29
28
27
26
25
24
23
22
21
20
19
AUX_PWD
DPI internal
connector
RESERVED
H_GND
AUX_CH-
AUX_CH+
H_GND
ML_LANE0+
ML_LANE0-
H_GND
ML_LANE1+
ML_LANE1-
H_GND
VTX_BIAS
3.3V
DPIULC6-6DJL
AUX_PWD
AUX_CH-
AUX_CH+
ML_LANE0+
ML_LANE0-
ML_LANE1+
ML_LANE1-
1
ESDALC6V1-1M2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com