Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DPIULC6 Datasheet(PDF) 3 Page - STMicroelectronics

Part # DPIULC6
Description  ESD protection for internal DisplayPort?
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DPIULC6 Datasheet(HTML) 3 Page - STMicroelectronics

  DPIULC6 Datasheet HTML 1Page - STMicroelectronics DPIULC6 Datasheet HTML 2Page - STMicroelectronics DPIULC6 Datasheet HTML 3Page - STMicroelectronics DPIULC6 Datasheet HTML 4Page - STMicroelectronics DPIULC6 Datasheet HTML 5Page - STMicroelectronics DPIULC6 Datasheet HTML 6Page - STMicroelectronics DPIULC6 Datasheet HTML 7Page - STMicroelectronics DPIULC6 Datasheet HTML 8Page - STMicroelectronics DPIULC6 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
DPIULC6
Characteristics
Doc ID 16831 Rev 2
3/9
Figure 2.
Frequency response (typical value)
300k
1M
3M
10M 30M 100M 300M 1G
3G
-12
-9
-6
-3
0
dB
F (Hz)
Passband
attenuation
-3 dB point
Attenuation
(0.8 - 4 GHz)
Average
performance
(50
system)
Ω
0.05 dB
4.7 GHz
< 0.4 dB
0.1 dB @ 900 MHz
0.4 dB @ 1.8 GHz
Figure 3.
Leakage current versus junction
temperature (typical values)
Figure 4.
Differential Tdr measurement at
130 ps (20 - 80%)
0.1
1.0
10.0
100.0
1000.0
25
50
75
100
125
IR (nA)
VR=VRM
3V
Tj(°C)
Maximum 103.75
Minimum 97.46
Ω
Ω
Figure 5.
Eye diagram at 2.7 Gbps
(PCB alone)
Figure 6.
Eye diagram at 2.7 Gbps
(PCB + DPIULC6-6DJL)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com