Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DPIULC6 Datasheet(PDF) 1 Page - STMicroelectronics

Part # DPIULC6
Description  ESD protection for internal DisplayPort?
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DPIULC6 Datasheet(HTML) 1 Page - STMicroelectronics

  DPIULC6 Datasheet HTML 1Page - STMicroelectronics DPIULC6 Datasheet HTML 2Page - STMicroelectronics DPIULC6 Datasheet HTML 3Page - STMicroelectronics DPIULC6 Datasheet HTML 4Page - STMicroelectronics DPIULC6 Datasheet HTML 5Page - STMicroelectronics DPIULC6 Datasheet HTML 6Page - STMicroelectronics DPIULC6 Datasheet HTML 7Page - STMicroelectronics DPIULC6 Datasheet HTML 8Page - STMicroelectronics DPIULC6 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
April 2010
Doc ID 16831 Rev 2
1/9
9
DPIULC6
ESD protection for internal DisplayPort™
Features
■ Compliant with DisplayPort 1.1a
■ IEC 61000-4-2 level 4 compliant
■ Ultralarge bandwidth (> 5 GHz)
■ Low capacitance variation: 0.05 pF
■ 100
Ω ± 10% differential impedance (100%
compatible with 100
Ω differential layout)
■ 500 µm pitch for easy layout
Complies with the following standards
■ IEC 61000-4-2 level 4
– 15 kV (air discharge)
– 8 kV (contact discharge)
■ MIL STD 883G-Method 3015-7: class 3B
– 8 kV HBM (Human Body Model)
■ VESA DisplayPort Standard Version 1.1a
Description
The DPIULC6-6DJL device provides fully
integrated ESD protection ensuring full system
robustness as required by the DisplayPort
specification. Differentiated protection dedicated
to each link ensures full compliance with the
DisplayPort specification.
The bandwidth of each circuit ensures full
transparency to the DisplayPort signals.
The DPIULC6-6DJL is packaged in DFN 5x6.
Figure 1.
Schematic diagram (top view)
TM: DisplayPort is a trademark of the Video Electronics
Standards Association (VESA)
DFN 5x6 18 leads
NC
D1+
D1 -
GND
D2+
D2 -
GND
AUX+
AUX -
NC
D1+
D1 -
GND
D2+
D2 -
GND
AUX+
AUX -
NC
D1+
D1 -
GND
D2+
D2 -
GND
AUX+
AUX -
NC
D1+
D1 -
GND
D2+
D2 -
GND
AUX+
AUX -
NC pins and central pad must be connected to ground
www.st.com


Similar Part No. - DPIULC6

ManufacturerPart #DatasheetDescription
logo
Sensata Technologies, I...
DPI SENSATA-DPI Datasheet
1,011Kb / 8P
PANEL MOUNT SOLID STATE RELAYS
logo
Apex Electronics Co., L...
DPICH APEX-ELECTRONICS-DPICH Datasheet
386Kb / 2P
DIP Switch, top actuated, SMD, compact half-pitch
DPICHGF02NR APEX-ELECTRONICS-DPICHGF02NR Datasheet
386Kb / 2P
DIP Switch, top actuated, SMD, compact half-pitch
DPICHGF02NT APEX-ELECTRONICS-DPICHGF02NT Datasheet
386Kb / 2P
DIP Switch, top actuated, SMD, compact half-pitch
DPICHGF02TR APEX-ELECTRONICS-DPICHGF02TR Datasheet
386Kb / 2P
DIP Switch, top actuated, SMD, compact half-pitch
More results

Similar Description - DPIULC6

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IP4790CZ38 NXP-IP4790CZ38 Datasheet
75Kb / 11P
DisplayPort protection
Rev. 01-14 July 2008
logo
Texas Instruments
TPD8S009 TI1-TPD8S009_15 Datasheet
1Mb / 19P
8-Channel ESD Protection for DisplayPort and HDMI
logo
Micro Commercial Compon...
ESDLC5V0T2 MCC-ESDLC5V0T2 Datasheet
327Kb / 4P
For sensitive ESD protection
logo
ON Semiconductor
ESDM1053 ONSEMI-ESDM1053 Datasheet
213Kb / 6P
ESD Protection Diodes Micro?뭦ackaged Diodes for ESD Protection
March, 2022 ??Rev. 0
ESDL2012 ONSEMI-ESDL2012 Datasheet
207Kb / 7P
ESD Protection Diode Micro?뭁ackaged Diodes for ESD Protection
November, 2019 ??Rev.1
logo
AiT Semiconductor Inc.
ESD3Z12 AITSEMI-ESD3Z12 Datasheet
697Kb / 5P
ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
ESD3Z5.0 AITSEMI-ESD3Z5.0 Datasheet
697Kb / 5P
ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
ESD5D5.0C AITSEMI-ESD5D5.0C Datasheet
536Kb / 5P
ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
ESD9D3.3C AITSEMI-ESD9D3.3C Datasheet
456Kb / 5P
ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
TVS16H5.0 AITSEMI-TVS16H5.0 Datasheet
387Kb / 5P
ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com