Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DPIULC6 Datasheet (PDF) - STMicroelectronics

DPIULC6 Datasheet PDF - STMicroelectronics
Part # DPIULC6
Download  DPIULC6 Download
File Size   193.99 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description ESD protection for internal DisplayPort?

DPIULC6 Datasheet (PDF)

Go To PDF Page Download Datasheet
DPIULC6 Datasheet PDF - STMicroelectronics

Part # DPIULC6
Download  DPIULC6 Click to download

File Size   193.99 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description ESD protection for internal DisplayPort?

DPIULC6 Datasheet (HTML) - STMicroelectronics


DPIULC6 Product details

Description
The DPIULC6-6DJL device provides fully integrated ESD protection ensuring full system robustness as required by the DisplayPort specification. Differentiated protection dedicated to each link ensures full compliance with the DisplayPort specification. The bandwidth of each circuit ensures full transparency to the DisplayPort signals. The DPIULC6-6DJL is packaged in DFN 5x6.

Features
■ Compliant with DisplayPort 1.1a
■ IEC 61000-4-2 level 4 compliant
■ Ultralarge bandwidth (> 5 GHz)
■ Low capacitance variation: 0.05 pF
■ 100 Ω ± 10% differential impedance (100% compatible with 100 Ω differential layout)
■ 500 µm pitch for easy layout Complies with the following standards
■ IEC 61000-4-2 level 4 – 15 kV (air discharge) – 8 kV (contact discharge)
■ MIL STD 883G-Method 3015-7: class 3B – 8 kV HBM (Human Body Model)
■ VESA DisplayPort Standard Version 1.1a




Similar Part No. - DPIULC6

ManufacturerPart #DatasheetDescription
logo
Sensata Technologies, I...
DPI SENSATA-DPI Datasheet
1,011Kb / 8P
PANEL MOUNT SOLID STATE RELAYS
logo
Apex Electronics Co., L...
DPICH APEX-ELECTRONICS-DPICH Datasheet
386Kb / 2P
DIP Switch, top actuated, SMD, compact half-pitch
DPICHGF02NR APEX-ELECTRONICS-DPICHGF02NR Datasheet
386Kb / 2P
DIP Switch, top actuated, SMD, compact half-pitch
DPICHGF02NT APEX-ELECTRONICS-DPICHGF02NT Datasheet
386Kb / 2P
DIP Switch, top actuated, SMD, compact half-pitch
DPICHGF02TR APEX-ELECTRONICS-DPICHGF02TR Datasheet
386Kb / 2P
DIP Switch, top actuated, SMD, compact half-pitch
More results


Similar Description - DPIULC6

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IP4790CZ38 NXP-IP4790CZ38 Datasheet
75Kb / 11P
DisplayPort protection
Rev. 01-14 July 2008
logo
Texas Instruments
TPD8S009 TI1-TPD8S009_15 Datasheet
1Mb / 19P
8-Channel ESD Protection for DisplayPort and HDMI
logo
Micro Commercial Compon...
ESDLC5V0T2 MCC-ESDLC5V0T2 Datasheet
327Kb / 4P
For sensitive ESD protection
logo
ON Semiconductor
ESDM1053 ONSEMI-ESDM1053 Datasheet
213Kb / 6P
ESD Protection Diodes Micro?뭦ackaged Diodes for ESD Protection
March, 2022 ??Rev. 0
ESDL2012 ONSEMI-ESDL2012 Datasheet
207Kb / 7P
ESD Protection Diode Micro?뭁ackaged Diodes for ESD Protection
November, 2019 ??Rev.1
logo
AiT Semiconductor Inc.
ESD3Z12 AITSEMI-ESD3Z12 Datasheet
697Kb / 5P
ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
ESD3Z5.0 AITSEMI-ESD3Z5.0 Datasheet
697Kb / 5P
ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
ESD5D5.0C AITSEMI-ESD5D5.0C Datasheet
536Kb / 5P
ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
ESD9D3.3C AITSEMI-ESD9D3.3C Datasheet
456Kb / 5P
ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
TVS16H5.0 AITSEMI-TVS16H5.0 Datasheet
387Kb / 5P
ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com