Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSI2021 Datasheet(PDF) 6 Page - MagnaChip Semiconductor.

Part # MSI2021
Description  0.4(ohm) Dual SPDT Analog Switch with Negative Swing Feature
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MSI2021 Datasheet(HTML) 6 Page - MagnaChip Semiconductor.

Back Button MSI2021 Datasheet HTML 2Page - MagnaChip Semiconductor. MSI2021 Datasheet HTML 3Page - MagnaChip Semiconductor. MSI2021 Datasheet HTML 4Page - MagnaChip Semiconductor. MSI2021 Datasheet HTML 5Page - MagnaChip Semiconductor. MSI2021 Datasheet HTML 6Page - MagnaChip Semiconductor. MSI2021 Datasheet HTML 7Page - MagnaChip Semiconductor. MSI2021 Datasheet HTML 8Page - MagnaChip Semiconductor. MSI2021 Datasheet HTML 9Page - MagnaChip Semiconductor. MSI2021 Datasheet HTML 10Page - MagnaChip Semiconductor. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
June. 2009. Revision 1.3
MagnaChip Semiconductor Ltd.
6
Test Diagrams
Figure 1. lOFF & ILEAK_ON/OFF test circuit
Figure 2. RON test circuit
Figure 3. tON, tOFF test circuit
0 < VIN/OUT ≤ VDD
VSAB=0 or VDD
Control
VDD = 1.65 ~ 4.3V
VSAB
VOUT/IN
RL
CL
VSAB_H
VSAB_L
VOUT
0V
0.9xVOUT
0.1xVOUT
50%
SA,SB
Input
Switch
Output
tON
tOFF
trise, tfall < 2.5ns
Control
VDD = 1.65 ~ 4.3V
VSAB=0 & VDD
for selection
100mA
Vαβ
RON = Vαβ / 100mA
α
β
IOFF
VDD = 0
VIN/OUT = 4.3
Control
VSAB = 0 or VDD
0.3 < VIN/OUT ≤ 4
ILEAK_ON
Control
VDD = 4.3V
VSAB=0 or VDD
0.3 < VIN/OUT ≤ 4
ILEAK_OFF
Control
VDD = 4.3V
VSAB=0 or VDD
VIN/OUT =
VDD – 4.3V,
-0.7, 0, 0.7,
2, or VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com