Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSI2021 Datasheet(PDF) 4 Page - MagnaChip Semiconductor.

Part # MSI2021
Description  0.4(ohm) Dual SPDT Analog Switch with Negative Swing Feature
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MSI2021 Datasheet(HTML) 4 Page - MagnaChip Semiconductor.

  MSI2021 Datasheet HTML 1Page - MagnaChip Semiconductor. MSI2021 Datasheet HTML 2Page - MagnaChip Semiconductor. MSI2021 Datasheet HTML 3Page - MagnaChip Semiconductor. MSI2021 Datasheet HTML 4Page - MagnaChip Semiconductor. MSI2021 Datasheet HTML 5Page - MagnaChip Semiconductor. MSI2021 Datasheet HTML 6Page - MagnaChip Semiconductor. MSI2021 Datasheet HTML 7Page - MagnaChip Semiconductor. MSI2021 Datasheet HTML 8Page - MagnaChip Semiconductor. MSI2021 Datasheet HTML 9Page - MagnaChip Semiconductor. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
June. 2009. Revision 1.3
MagnaChip Semiconductor Ltd.
4
AC Electrical Characteristics
All listed typical values are tested at TA=25°C unless otherwise specified.
Symbol
Parameter
Test Conditions
VDD(V)
Min
Typ
Max
Unit
Time & Frequency
tON
Turn-On Time
(See Figure 3)
VIN/OUT = 1.5V,
RL = 50Ω, CL = 35pF,
VSAB_H = VDD, VSAB_L = 0
4.3
100
ns
tOFF
Turn-Off Time
(See Figure 3)
VIN/OUT = 1.5V,
RL = 50Ω, CL = 35pF,
VSAB_H = VDD, VSAB_L = 0
4.3
70
ns
THD
Total Harmonic Distortion
(See Figure 4)
RL = 32Ω, VIN/OUT = 2Vpp
freq = 20 ~ 20kHz
4.3
0.01
%
1.65
0.5
tBBM
Break-Before-Make Delay Time
(See Figure 5) (Note 1)
VIN/OUT = 1.5V,
RL = RS = 50Ω, CL = 35pF
1.65 ~ 4.3
15
ns
BW
-3dB Bandwidth
(See Figure 6)
RL = RS = 50Ω, CL = 0pF
Signal level = 0dBm
1.65 ~ 4.3
>50
MHz
Isolation & Crosstalk
OIRR
Off Isolation
(See Figure 7) (Note 1)
f = 100KHz, RL = RS = 50Ω 
1.65 ~ 4.3
-70
dB
XTALK
Channel Crosstalk
(See Figure 8) (Note 1)
f = 100KHz, RL = RS = 50Ω 
1.65 ~ 4.3
-70
dB
Capacitance
CIN
Control Pin Input Capacitance
(Note 1)
f = 1MHz
0
2.5
pF
CON
ON Capacitance
(See Figure 9) (Note 1)
f = 1MHz
3.3
120
pF
COFF
OFF Capacitance
(See Figure 10) (Note 1)
f = 1MHz
3.3
50
pF
Q
Charge Injection
(See Figure 11) (Note 1)
CL=1.0nF, Q = CL • ΔVOUT
1.65 ~ 4.3
30
pF
Note 1:
These parameters are not production tested: Guaranteed by design correlation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com