Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSI2021 Datasheet(PDF) 3 Page - MagnaChip Semiconductor.

Part # MSI2021
Description  0.4(ohm) Dual SPDT Analog Switch with Negative Swing Feature
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MSI2021 Datasheet(HTML) 3 Page - MagnaChip Semiconductor.

  MSI2021 Datasheet HTML 1Page - MagnaChip Semiconductor. MSI2021 Datasheet HTML 2Page - MagnaChip Semiconductor. MSI2021 Datasheet HTML 3Page - MagnaChip Semiconductor. MSI2021 Datasheet HTML 4Page - MagnaChip Semiconductor. MSI2021 Datasheet HTML 5Page - MagnaChip Semiconductor. MSI2021 Datasheet HTML 6Page - MagnaChip Semiconductor. MSI2021 Datasheet HTML 7Page - MagnaChip Semiconductor. MSI2021 Datasheet HTML 8Page - MagnaChip Semiconductor. MSI2021 Datasheet HTML 9Page - MagnaChip Semiconductor. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
June. 2009. Revision 1.3
MagnaChip Semiconductor Ltd.
3
Absolute Maximum Ratings
Symbol
Parameter
Min
Max
Unit
VDD
DC Supply Voltage on VDD pin
-0.5
5.5
V
VSAB
Control Input Voltage (SA, SB)
-0.5
VDD+0.3V
V
VIN/OUT
In/Out Voltage in Analog IO pins
A0, A1, B0, B1
VDD-4.3
VDD+0.3
V
IIN/OUT
In/Out Current in Analog IO pins
350
mA
IIN/OUT_PEAK
Peak Current in Analog IO pins (1ms Duration @10% Duty Cycle)
500
mA
ESD
HBM on All Pins
8
kV
TS
Storage Temperature
-65
150
°
C
Note 1:
Stresses beyond the above listed maximum ratings may damage the device permanently. Operating above the recommended
conditions for extended time may stress the device and affect device reliability. Also the device may not operate normally above the
recommended operating conditions. These are stress ratings only.
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Unit
VDD
Supply Voltage
1.65
4.3
V
VSAB
Control Input Voltage (SA, SB)
0
VDD
V
VIN/OUT
In/Out Voltage in Analog IO Voltage
VDD-4.3
VDD
V
TA
Operating Temperature
-40
85
°C
DC Electrical Characteristics
All listed typical values are tested at TA=25°C unless otherwise specified.
Symbol
Parameter
Test Conditions
VDD(V)
Min
Typ
Max
Unit
VSAB_H
Control Input High Voltage
1.65 ≤ VDD < 2.3V
1.65
0.9
V
2.3 ≤ VDD < 2.8V
2.6
1.4
2.8 ≤ VDD < 3.7V
3.3
1.5
VDD = 4.3V
4.3
1.7
VSAB_L
Control Input Low Voltage
1.65 ≤ VDD < 2.8V
1.65
0.4
V
2.8 ≤ VDD < 3.7V
3.3
0.5
VDD=4.3V
4.3
0.6
ISAB
Control Input Leakage Current
VSAB = 0 and VDD
4.3
-1
1
μA
ICC
Quiescent Supply Current
VDD=4.3V, VSAB=0 or VDD,
IIN/OUT=0A
4.3
1.0
μA
ICCT
Increase in ICC on VDD pin per
Control Voltage
VSAB=2.6V
4.3
4
10.0
μA
VSAB=1.8V
4.3
12
30
ILEAK_OFF
OFF State Leakage Current on
A* & B* (See Figure 1)
0.3 < VIN/OUT ≤ VDD – 0.3
4.3
-2
2
μA
ILEAK_ON
ON State Leakage Current on
COMA & COMB (See Figure 1)
0.3 < VIN/OUT ≤ VDD – 0.3
4.3
-2
2
μA
IOFF
Power OFF Leakage Current on
COMA & COMB (See Figure 1)
VIN/OUT = 4.3V
0
±
45
μA
RON
On-Resistance (See Figure 2)
VIN/OUT = VDD-4.3V, 0.7 and VDD,
IIN/OUT = 100mA
1.65
1.0
Ω
3.0
0.4
4.3
0.3
ᅀ
RON
On-Resistance Match Between
Channels (Note 1)
VIN/OUT = 0.7V, IIN/OUT = 100mA
1.65
1.0
Ω
3.0
0.06
4.3
0.04
RFLAT_ON
RON Flatness (Note 2)
VIN/OUT = VDD-4.3V, and 0.7V,
IIN/OUT = 100mA
1.65
0.6
Ω
3.0
0.3
4.3
0.2
Note 1: ᅀ
RON(MAX) = | RON_MAX(A0, A1, B0, or B1)-RON_MIN(A0, A1, B0, or B1) | @ Same TA, input voltage, and Supply voltage.
Note 2:
RFLAT_ON is defined as the difference between the maximum and minimum value of RON measured over specified VIN/OUT range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com