Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSI2021 Datasheet(PDF) 2 Page - MagnaChip Semiconductor.

Part # MSI2021
Description  0.4(ohm) Dual SPDT Analog Switch with Negative Swing Feature
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MSI2021 Datasheet(HTML) 2 Page - MagnaChip Semiconductor.

  MSI2021 Datasheet HTML 1Page - MagnaChip Semiconductor. MSI2021 Datasheet HTML 2Page - MagnaChip Semiconductor. MSI2021 Datasheet HTML 3Page - MagnaChip Semiconductor. MSI2021 Datasheet HTML 4Page - MagnaChip Semiconductor. MSI2021 Datasheet HTML 5Page - MagnaChip Semiconductor. MSI2021 Datasheet HTML 6Page - MagnaChip Semiconductor. MSI2021 Datasheet HTML 7Page - MagnaChip Semiconductor. MSI2021 Datasheet HTML 8Page - MagnaChip Semiconductor. MSI2021 Datasheet HTML 9Page - MagnaChip Semiconductor. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
June. 2009. Revision 1.3
MagnaChip Semiconductor Ltd.
2
Pin Assignment
Description
SA
Select Pin
SB
Select Pin
COMA, COMB
Common Data Ports
A0, A1, B0, B1
Data Ports
VDD
DC Supply voltage Input Pin
GND
Ground Pin
SA/SB
Function
L
Select 0 port (COMA=A0, COMB=B0)
H
Select 1 port (COMA=A1, COMB=B1)
Pin Configuration
Pin Description
10 pins QFN Package
(Top View)
COMB
6
B0
B1
VDD
GND
A1
A0
SB
SA
COM
7
2
1
8
9
10
5
4
3
Block Diagram
COMA
B0
COMB
A0
B1
A1
SB
SA
Truth Table



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com