Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSI2021 Datasheet(PDF) 1 Page - MagnaChip Semiconductor.

Part # MSI2021
Description  0.4(ohm) Dual SPDT Analog Switch with Negative Swing Feature
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MSI2021 Datasheet(HTML) 1 Page - MagnaChip Semiconductor.

  MSI2021 Datasheet HTML 1Page - MagnaChip Semiconductor. MSI2021 Datasheet HTML 2Page - MagnaChip Semiconductor. MSI2021 Datasheet HTML 3Page - MagnaChip Semiconductor. MSI2021 Datasheet HTML 4Page - MagnaChip Semiconductor. MSI2021 Datasheet HTML 5Page - MagnaChip Semiconductor. MSI2021 Datasheet HTML 6Page - MagnaChip Semiconductor. MSI2021 Datasheet HTML 7Page - MagnaChip Semiconductor. MSI2021 Datasheet HTML 8Page - MagnaChip Semiconductor. MSI2021 Datasheet HTML 9Page - MagnaChip Semiconductor. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
June. 2009. Revision 1.3
MagnaChip Semiconductor Ltd.
1
Ordering Information
Typical Application
Part Number
Top
Marking
Ambient
Temperature Range
Package [mm]
RoHS Status
MSI2021QH
S2U
-40℃ to +85℃
1.4mm x 1.8mm x 0.5mm, 10 leads QFN
Halogen-Free
MSI2021
0.4Ω Dual SPDT Analog Switch with Negative Swing Feature
General Description
The MSI2021 is a dual single-pole double-throw (dual
SPDT) analog device aimed for analog signals
switching applications in various portable electrical
devices. It is especially designed for negative stereo
audio signals switching applications in mobile phones.
The MSI2021 features very low on-channel resistance
allowing little attenuation and distortion during bi-
directional audio signal routing. High crosstalk and off-
isolation result in minimum noise interference with
good signal integrity. Also the device features very low
current consumption during standby and idle mode
making longer battery operation in portable devices.
The MSI2021 is available in ultra small Halogen-Free
10 leads 1.4 x 1.8 QFN package and can operate over
-40°C to +85°C ambient temperature range. For more
detailed information, please contact your local
MagnaChip sales office in world-wide or visit
MagnaChip’s website at www.magnachip.com.
Features
±
8kV Human Body Model (HBM) ESD
protection on all pins
Low RON : 0.4Ω (typical) @ 3.0V VDD
-3dB bandwidth : >50MHz (typical)
Low supply current in standby mode (<1
μA)
and under wide control voltage range
High channel crosstalk: -70dB @ 3.0V VDD
Power-Off protection (VDD=0V) and power-On
protection (VDD≠0V) on COMA & COMB
tolerate up to 4.3V
VDD+0.5V signals can be handled under VDD
supply voltage condition
Halogen-Free 10 leads 1.4mm x 1.8mm QFN
package
Applications
Analog Signal Switching Block
Negative Stereo Audio Switching
Switching application in portable devices (Cell
phone, PDAs, Notebook Computers)
+
VDD = V_BATT
-
+
-
+
-
MSI2021
RECEIVER
A0
A1
B0
B1
COMA
COMB
1
st Audio
AMP
2
nd Audio
AMP


Similar Part No. - MSI2021

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MSI2001 MGCHIP-MSI2001 Datasheet
393Kb / 12P
USB2.0 High-Speed (480Mbps) Analog Switch
MSI2001MH MGCHIP-MSI2001MH Datasheet
393Kb / 12P
USB2.0 High-Speed (480Mbps) Analog Switch
MSI2001QH MGCHIP-MSI2001QH Datasheet
393Kb / 12P
USB2.0 High-Speed (480Mbps) Analog Switch
MSI2006 MGCHIP-MSI2006 Datasheet
736Kb / 8P
6A Bi-directional Load Switch for Tablet
MSI2006WCRH MGCHIP-MSI2006WCRH Datasheet
736Kb / 8P
6A Bi-directional Load Switch for Tablet
More results

Similar Description - MSI2021

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSA2270 FAIRCHILD-FSA2270 Datasheet
155Kb / 2P
Low-Voltage, Dual-SPDT (0.4廓) Analog Switch with Negative Swing Audio Capability
FSA2271 FAIRCHILD-FSA2271 Datasheet
151Kb / 2P
Low-Voltage, Dual-SPDT (0.4廓) Analog Switch with Negative Swing Audio Capability
FSA2269 FAIRCHILD-FSA2269_08 Datasheet
409Kb / 2P
Low-Voltage Dual-SPDT (0.4廓) Analog Switch with Negative Swing Audio Capability
FSA2270T FAIRCHILD-FSA2270T_08 Datasheet
410Kb / 2P
Low-Voltage, Dual-SPDT (0.4廓) Analog Switch with Negative Swing Audio Capability
FSA2271T FAIRCHILD-FSA2271T_08 Datasheet
448Kb / 2P
Low-Voltage, Dual-SPDT (0.4廓) Analog Switch with Negative Swing Audio Capability
logo
Intersil Corporation
ISL54065_0911 INTERSIL-ISL54065_0911 Datasheet
717Kb / 15P
Negative Signal Swing, Sub-ohm, Dual SPDT
November 3, 2009
logo
Vishay Siliconix
DG2750 VISHAY-DG2750 Datasheet
177Kb / 8P
Low Voltage Dual SPDT Analog Switch with Negative Swing Audio Capability
22-Mar-10
DG2750DN-T1-E4 VISHAY-DG2750DN-T1-E4 Datasheet
193Kb / 9P
Low Voltage Dual SPDT Analog Switch with Negative Swing Audio Capability
22-Mar-10
logo
ON Semiconductor
NLAS2750 ONSEMI-NLAS2750 Datasheet
152Kb / 8P
Low Voltage Dual SPDT Analog Switch with Negative Swing Audio Capability
September, 2013 ??Rev. 0
logo
Pericom Semiconductor C...
PI3A268C PERICOM-PI3A268C Datasheet
282Kb / 9P
Low-Voltage Dual-SPDT Analog Switch with Negative Swing Audio Capability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com