Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9660TR Datasheet(PDF) 9 Page - STMicroelectronics

Part # L9660TR
Description  Quad squib driver ASIC for safety application
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9660TR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L9660TR Datasheet HTML 5Page - STMicroelectronics L9660TR Datasheet HTML 6Page - STMicroelectronics L9660TR Datasheet HTML 7Page - STMicroelectronics L9660TR Datasheet HTML 8Page - STMicroelectronics L9660TR Datasheet HTML 9Page - STMicroelectronics L9660TR Datasheet HTML 10Page - STMicroelectronics L9660TR Datasheet HTML 11Page - STMicroelectronics L9660TR Datasheet HTML 12Page - STMicroelectronics L9660TR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 49 page
background image
DocID024714 Rev 2
9/49
L9660
Electrical specifications
48
2.2
Absolute maximum degraded operating ratings
Under the following deviations to the ratings indicated in Section 2.3 the L9660 performance
is degraded and not meeting the electrical characteristics outlined in Section 2.4. The SPI
and diagnostics still function but not meet specified electrical parameters.
Note:
The above is provided for informational purposes only and results in degraded operation.
Under the above conditions the SPI is functional as well as diagnostics, though the electrical
performance may not conform to the parameters outlined in Section 2.4. Firing requirements
as indicated in Section 2.4 may not be met with the conditions above.
2.3
Operating ratings
Comments:
VSDIAG supply provides power for squib resistance and HSS diagnostics
VDD is used for all internal functions as well as short to battery/ground and high squib
resistance diagnostics.
Table 4. Absolute maximum degraded operating ratings
Symbol
Parameter
Value
Unit
VDD
(1)
Supply voltage
4.5 to 5.5
V
VSDIAG
Supply voltage for squib diagnostics
7 to 40
V
VRES
VRES voltage (VRES0, VRES1, VRES2, VRES3)
7 to 40
V
VI
Discrete input voltage (RESETB, DEPEN, CS_D, SCLK,
MOSI, FEN1, FEN2, IREF)
- 0.3 to (VDD +0.3)
V
VO
Discrete output voltage (MISO, AOUT)
-0.3 to (VDD + 0.3)
V
Tj
Junction temperature
-40 to 150
°C
1.
Exceeding a VDD of 5.1V during a deployment may cause damage.
Table 5. Operating ratings
Symbol
Parameter
Value
Unit
VDD
Supply voltage
4.9 to 5.1
V
VSDIAG
Supply voltage for squib diagnostics
7 to 37
V
VRESx
VRES voltage (VRES0, VRES1, VRES2, VRES3,)
7 to 37
V
VI
Discrete input voltage (RESETB, CS_D, SCLK, MOSI,
FEN1, FEN2, IREF)
- 0.3 to (VDD +0.3)
V
VO
Discrete output voltage (MISO, AOUT)
-0.3 to (VDD + 0.3)
V
Tamb
Ambient temperature
-40 to 95
°C
RTh j-amb
Thermal resistance junction to ambient (on FR-4 board)
46
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com